Part Number Hot Search : 
HC147 TPS813 1030C AD7854AQ 68000 74LS3 NJU7710 SUT480H
Product Description
Full Text Search
 

To Download 3022-14B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0022031142 Active
2.50mm (.098") Pitch Header, Single Row, 11.10mm (..437") Mating Pin Length, 14 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-3022-003 (PDF)
Product Specification PS-3022-004 (PDF) Product Specification PS-99020-0088 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
UL
General
Product Family Series Application Product Name PCB Headers 3022 Wire-to-Board N/A
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 14 14 Natural (White) 94V-0 No None Brass Tin Tin Nylon 1 Vertical 0.134 In 3.40 mm No None 0.062 In 1.60 mm Bag 0.098 In 2.50 mm 200 5 200 5 No No No No -40C to +105C Through Hole
Search Parts in this Series 3022Series Mates With 5124
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info
Old Part Number 3022-14B
Reference - Drawing Numbers
Product Specification Sales Drawing PS-3022-003, PS-3022-004, PS-99020-0088 SDAE-3022-NB
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 3022-14B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X