Part Number Hot Search : 
LM6066 LL4448 40L15CW SA7V5CA 2SC4501 70N70 001TB 17VMV
Product Description
Full Text Search
 

To Download 2SC3063 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
2SC3063
DESCRIPTION With TO-126 package High VCEO Low COB APPLICATIONS For TV video output amplification
PINNING PIN 1 2 3 see Fig.2(c) DESCRIPTION Emitter Collector Base
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature CONDITIONS Open emitter Open base Open collector VALUE 300 300 7 0.1 0.2 1.2 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter on voltage Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage DC current gain Output capacitance Transition frequency CONDITIONS IC=30mA ;IB=3m A IC=30mA ; VCE=10V IC=10|I IC=100|I IE=10|I A;IE=0 A; IB=0 A; IC=0 300 300 7 50 2.4 70 MIN
2SC3063
SYMBOL VCEsat VBE V(BR)CBO V(BR)CEO V(BR)EBO hFE COB fT
TYP.
MAX 1.5 1.2
UNIT V V V V V
IC=5mA ; VCE=50V IE=0; VCB=30V;f=1MHz IE=-20mA ; VCB=30V
250 pF MHz
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3063
Fig.2 outline dimensions
3
JMnic
Product Specification
Silicon NPN Power Transistors
2SC3063
4


▲Up To Search▲   

 
Price & Availability of 2SC3063

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X