Part Number Hot Search : 
D301LT ADA4817 15266 100TS 0US60 ECCM5 0US60 037H2
Product Description
Full Text Search
 

To Download 24STS05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10/100 BASE-T TWO PORT TRANSFORMER
Bothhandusa.com
P/N: 24STS05 DATA SHEET
Feature l l l Designed to meet IEEE802.3u requirement. Operating temperature range: 0J to +70J. Storage temperature range: -25J to +125J.
Electrical Specifications @ 25C
Part Number TX 24STS05 1CT:1CT Turns Ratio (5%) RX 1CT:1CT OCL(uH Min) @100KHz/0.1V with 8mA DC Bias 350 1500 HI-POT (Vrms)
Continue
Part Number 24STS05 Insertion Loss (dB Max) 0.1MHz -1.2 100MHz -1.4 30MHz -16 Return Loss (dB Min) 60MHz -10 80MHz -10 30MHz -45 Cross talk (dB Min)
60MHz
80MHz -33
-40
Schematic
Mechanical
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of 24STS05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X