Part Number Hot Search : 
OP183 16200 MAX867 SM5907AF KF426BS PM8380 GF1640C 00221
Product Description
Full Text Search
 

To Download 1MX06-063-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thermoelectric module Datasheet
Performance parameters
Type
RMT Ltd.
DTmax Qmax Imax Umax AC R
K
69 70 71 71 71
W
27,30 18,20 14,90 12,60 10,10
A
6,0 3,9 3,2 2,7 2,2
V
Ohm
0,97 1,50
H mm
1,6 1,9 2,1 2,3 2,6
1MX06-063-xx (N=126) 1MX06-063-05 1MX06-063-08 1MX06-063-10 1MX06-063-12 1MX06-063-15
7,70
1,85 2,15 2,71
Perfomance data are given for Thot=300K vacuum
Technical Drawing
Ordering Options
A. TEC Internal Solder:
Lead-free SnSb Solder (Tmelt=230C)
C. Surface Finish (one or both)
1. Blank Ceramics 2. Metallized: 2.1 Ni-Sn plaiting 2.2 Au plaiting 3. Metallized and Pre-tinned 3.1 Solder 94 (PbSnBi,Tmelt=94C) 3.2 Solder 117 (InSn,Tmelt=117C) 3.3 Solder 138 (SnBi,Tmelt=138C) 3.4 Solder 183 (PbSn,Tmelt=183C) 3.5 Solder 199 (SnZn, Tmelt=199C)
D. Thermistor (optional)
NTC thermistor type TB Resistance nominal 1. 2.2 kOhm@20C 2 10.0 kOhm@20C Individual calibration is avaiable in -65..+85C
B. TEC Ceramics:
1. Pure Al2O3 (100%) 2. Alumina (Al2O3 96%) 3. Aluminium Nitride (AlN)
Copyright 2007. RMT Ltd. The design and specifications of products can be changed by RMT Ltd. without notice. 2
Thermoelectric module Datasheet
1MX06-063-05
RMT Ltd.
Standard Performance Plots
Color Legend: Imax, 0.8 Imax, 0.6 Imax, 0.4 Imax
1MX06-063-08
Standard Performance Plots
Color Legend: Imax, 0.8 Imax, 0.6 Imax, 0.4 Imax Perfomance plots are created with TECCAD Software. TECCAD is available for download from RMT Ltd. website - www.rmtltd.ru Copyright 2007. RMT Ltd. The design and specifications of products can be changed by RMT Ltd. without notice. 3
Thermoelectric module Datasheet
1MX06-063-10
RMT Ltd.
Standard Performance Plots
Color Legend: Imax, 0.8 Imax, 0.6 Imax, 0.4 Imax
1MX06-063-12
Standard Performance Plots
Color Legend: Imax, 0.8 Imax, 0.6 Imax, 0.4 Imax Perfomance plots are created with TECCAD Software. TECCAD is available for download from RMT Ltd. website - www.rmtltd.ru Copyright 2007. RMT Ltd. The design and specifications of products can be changed by RMT Ltd. without notice. 4
Thermoelectric module Datasheet
1MX06-063-15
RMT Ltd.
Standard Performance Plots
Color Legend: Imax, 0.8 Imax, 0.6 Imax, 0.4 Imax
Applications Tips
Cautions
1. Do not heat TE module more than 200oC (TEC assembled at 230oC) or 160oC (optional TECs assembled at 183oC). 2. Do not use TE module without attached heat sink at hot (bottom) side. 3. Connect TE sub-mount to a DC power supply in acccordance to polarity. 4. Do not apply DC current higher than Imax.
Installation
1. Mechanical Mounting TEC is placed between two heat exchangers . This construction is fixed by screws or in another mechanical way. It is suitable for large modules (with dimensions 30mmx30mm and larger). 2. Soldering This method is suitable for a TE module with metallized outside surfaces (cold and hot sides). RMT provides this option and also makes pre-tinning for TE modules. 3. Glueing A glue is usually based on some epoxy compound filled with some thermoconductive material such as graphite or diamond powders, silver, SiN and others. The application of a specific type depends on application features and the type of a TE module.
Definitions
Value
DTmax
Qmax Imax Umax Rt -xx Thot H
Description Maximum temperature difference at I=Imax Maximum heat pumping capacity at I=Imax Maximum current Maximum voltage drop Header thermal resistance Thermoelectric pellet length code TEC hot side temperature Total TEC height
Notes rated at Qmax=0, at other Q it should be estimated as DT=DTmax(1-Q/Qmax) rated at DT=0, at other DT it should be estimated as Q=Qmax(1-DT/DTmax) Electric parameters resulting in greatest DTmax Pellet length is "-xx" x 10 (in mm) Performance data shown in specifications are given for Thot=300 K, vacuum All dimensions are given in mm
Copyright 2007. RMT Ltd. The design and specifications of products can be changed by RMT Ltd. without notice. 5


▲Up To Search▲   

 
Price & Availability of 1MX06-063-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X