Part Number Hot Search : 
QVA21314 ZTB947E 40002 2NC81A22 BAS70W 1N519 BSTL4960 TA0245A
Product Description
Full Text Search
 

To Download 1824420000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product catalogue | PCB connection systems | PCB terminals | PUSH IN spring connection | LSF-SMT 3.5/3.81 | LSFSMT 3.5/90
General ordering data Order No. Part designation Version EAN Qty. System parameters Product family Conductor connection system Fitted to PCB Outgoing direction of conductor Pitch Pitch in inch No. of poles Fitted by customer No. of rows Solder pin length Dia. of fitting hole Fitting hole tolerance No. of solder pins per pole Stripping length
1824420000 LSF-SMT 3.5/2/90 3.5 SW PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 2, 90, Tube 4032248326723 71 pc(s). System LS Push In Reflow solder connection 90 3.5 mm 0.138 inch 2 no 1 3.5 mm 1.1 mm + 0.1 mm 2 8 mm
-1-
Product catalogue | PCB connection systems | PCB terminals | PUSH IN spring connection | LSF-SMT 3.5/3.81 | LSFSMT 3.5/90
System parameters L1 in mm L1 in inch Electric shock protection to DIN VDE 0470 Electric shock protection to DIN VDE 0470 Material data Insulating material Colour colour chart Insulating material group Flammability class UL 94 CTI Contact base material Contact surface Storage temperature, min. Storage temperature, max. Connectable conductors Clamping range, min. Clamping range, max. AWG, min. AWG, max. O.D. of conductor insulation, max. Solid, min. H05(07) V-U Solid, max. H05(07) V-U Flexible, min. H05(07) V-K Flexible, max. H05(07) V-K With wire end ferrule, acc. to DIN 46 228/1, min. With wire end ferrule, acc. to DIN 46 228/1, max. w. plastic collar ferrule, DIN 46228 pt 4, min. w. plastic collar ferrule, DIN 46228 pt 4, max. DIN IEC rating data Rated current, min. No. pins (Tu=20C) Rated current, max. No. pins (Tu=20C) Rated current, min. No. pins(Tu=40C) Rated current, max. No. pins (Tu=40C) Rated voltage for overvoltage class/pollution severity II/2 Rated voltage for overvoltage class/pollution severity III/2 Rated voltage for overvoltage class/pollution severity III/3 Rated impulse withstand voltage for overvoltage class/pollution severity II/2 Rated impulse withstand voltage for overvoltage class/pollution severity III/2 Rated impulse withstand voltage for overvoltage class/pollution severity III/3 Short-time withstand current resistance
3.5 mm 0.138 inch IP 20 Safe from finger touch LCP GF black Similar to RAL 9011 IIIa V-0 >= 175 Copper alloy tinned -25 C 55 C 0.13 mm 1.5 mm 24 16 2.9 mm 0.2 mm 1.5 mm 0.2 mm 1.5 mm 0.25 mm 1.5 mm 0.25 mm 0.75 mm 17.5 A 16 A 17.5 A 14 A 320 V 160 V 160 V 2.5 kV 2.5 kV 2.5 kV 3 x 1s with 80 A
-2-
Product catalogue | PCB connection systems | PCB terminals | PUSH IN spring connection | LSF-SMT 3.5/3.81 | LSFSMT 3.5/90
CSA rating data Rated voltage (Use group D) Rated current (Use group D) AWG conductor (field wiring), min. AWG conductor (field wiring), max. UL 1059 rating data Rated voltage (Use group D) Rated current (Use group D) AWG conductor, min. AWG conductor, max. Approvals Approvals institutes
300 V 10 A 24 16 300 V 10 A 24 16
Classifications eClass 4.1 eClass 5.0 eClass 5.1
NK NK NK
Similar products Order No. 1874990000 1870500000 1874690000 1824430000 1875030000 1870530000 1874710000 1824440000 1875050000 Part designation LSF-SMT3.5/2/90 3.5R LSF-SMT 3.5/2/90 1.5SW LSF-SMT3.5/2/90 1.5R LSF-SMT 3.5/3/90 3.5 SW LSF-SMT3.5/3/90 3.5R LSF-SMT 3.5/3/90 1.5SW LSF-SMT3.5/3/90 1.5R LSF-SMT 3.5/4/90 3.5 SW LSF-SMT3.5/4/90 3.5R Version PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 2, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 2, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 2, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 3, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 3, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 3, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 3, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 4, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 4, 90, Tape
-3-
Product catalogue | PCB connection systems | PCB terminals | PUSH IN spring connection | LSF-SMT 3.5/3.81 | LSFSMT 3.5/90
1870550000 1874730000 1824450000 1875070000 1870580000 1874740000 1824460000 1875080000 1870590000 1874810000 1824470000 1875100000 1871020000 1874840000 1824480000 1875110000 1871030000 1874890000 1824490000 1875120000 1871040000 1874900000 1824500000 1875130000 1871050000 1874930000
LSF-SMT 3.5/4/90 1.5SW LSF-SMT3.5/4/90 1.5R LSF-SMT 3.5/5/90 3.5 SW LSF-SMT3.5/5/90 3.5R LSF-SMT 3.5/5/90 1.5SW LSF-SMT3.5/5/90 1.5R LSF-SMT 3.5/6/90 3.5 SW LSF-SMT3.5/6/90 3.5R LSF-SMT 3.5/6/90 1.5SW LSF-SMT3.5/6/90 1.5R LSF-SMT 3.5/7/90 3.5 SW LSF-SMT3.5/7/90 3.5R LSF-SMT 3.5/7/90 1.5SW LSF-SMT3.5/7/90 1.5R LSF-SMT 3.5/8/90 3.5 SW LSF-SMT3.5/8/90 3.5R LSF-SMT 3.5/8/90 1.5SW LSF-SMT3.5/8/90 1.5R LSF-SMT 3.5/9/90 3.5 SW LSF-SMT3.5/9/90 3.5R LSF-SMT 3.5/9/90 1.5SW LSF-SMT3.5/9/90 1.5R LSF-SMT 3.5/10/90 3.5SW LSF-SMT3.5/10/90 3.5R LSF-SMT 3.5/10/90 1.5SW LSF-SMT3.5/10/90 1.5R
PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 4, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 4, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 5, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 5, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 5, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 5, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 6, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 6, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 6, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 6, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 7, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 7, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 7, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 7, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 8, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 8, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 8, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 8, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 9, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 9, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 9, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 9, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 10, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 10, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 10, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 10, 90, Tape
-4-
Product catalogue | PCB connection systems | PCB terminals | PUSH IN spring connection | LSF-SMT 3.5/3.81 | LSFSMT 3.5/90
1824510000 1875140000 1871060000 1874940000 1824520000 1875160000 1871070000 1874970000 1870380000 1871080000 1870390000 1871090000 1870400000 1871100000 1870410000 1871110000 1870420000 1871120000 1870430000 1871130000 1870440000 1871140000 1870450000 1871150000 1870460000 1871160000
LSF-SMT 3.5/11/90 3.5SW LSF-SMT3.5/11/90 3.5R LSF-SMT 3.5/11/90 1.5SW LSF-SMT3.5/11/90 1.5R LSF-SMT 3.5/12/90 3.5SW LSF-SMT3.5/12/90 3.5R LSF-SMT 3.5/12/90 1.5SW LSF-SMT3.5/12/90 1.5R LSF-SMT 3.5/13/90 3.5SW LSF-SMT 3.5/13/90 1.5SW LSF-SMT 3.5/14/90 3.5SW LSF-SMT 3.5/14/90 1.5SW LSF-SMT 3.5/15/90 3.5SW LSF-SMT 3.5/15/90 1.5SW LSF-SMT 3.5/16/90 3.5SW LSF-SMT 3.5/16/90 1.5SW LSF-SMT 3.5/17/90 3.5SW LSF-SMT 3.5/17/90 1.5SW LSF-SMT 3.5/18/90 3.5SW LSF-SMT 3.5/18/90 1.5SW LSF-SMT 3.5/19/90 3.5SW LSF-SMT 3.5/19/90 1.5SW LSF-SMT 3.5/20/90 3.5SW LSF-SMT 3.5/20/90 1.5SW LSF-SMT 3.5/21/90 3.5SW LSF-SMT 3.5/21/90 1.5SW
PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 11, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 11, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 11, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 11, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 12, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 12, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 12, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 12, 90, Tape PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 13, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 13, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 14, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 14, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 15, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 15, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 16, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 16, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 17, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 17, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 18, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 18, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 19, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 19, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 20, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 20, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 21, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 21, 90, Tube
-5-
Product catalogue | PCB connection systems | PCB terminals | PUSH IN spring connection | LSF-SMT 3.5/3.81 | LSFSMT 3.5/90
1870470000 1871170000 1870480000 1871180000 1870490000 1871190000
LSF-SMT 3.5/22/90 3.5SW LSF-SMT 3.5/22/90 1.5SW LSF-SMT 3.5/23/90 3.5SW LSF-SMT 3.5/23/90 1.5SW LSF-SMT 3.5/24/90 3.5SW LSF-SMT 3.5/24/90 1.5SW
PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 22, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 22, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 23, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 23, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 24, 90, Tube PCB terminal, Push In, Reflow solder connection, Clamping range, max.: 1.5 mm, Pitch: 3.50 mm, No. of poles: 24, 90, Tube
-6-


▲Up To Search▲   

 
Price & Availability of 1824420000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X