Part Number Hot Search : 
CONDUCT XE5690SM NVZ6TLTA 2N688A SP7180 B150K 5007M 2SK146
Product Description
Full Text Search
 

To Download 0901210292 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0901210292 Active
2.54mm (.100") Pitch C-Grid IIITM Header, Single Row, Right Angle 12 Circuits, Gold (Au) Plating
Documents: Drawing (PDF) Product Specification PS-99020-0001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Product Name PCB Headers 90121 Wire-to-Board C-Grid IIITM
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Yes 12 12 Black 200 No No No None None Brass Gold Tin Polyester 1 Right Angle 0.114 In 2.90 mm No None 0.063 In 1.60 mm Bag 0.100 In 2.54 mm 0.100 In 2.54 mm 15.2 0.38 120 3 No No No Yes No -55C to +125C Through Hole
Search Parts in this Series 90121Series
Electrical
Current - Maximum per Contact Voltage - Maximum
3A 350V AC/DC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 260
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-99020-0001 SDA-90121
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0901210292

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X