Part Number Hot Search : 
ZMY18G DF02S 04FV8 KTLP350 2G16Q 1N5265B PE4301 2SJ681
Product Description
Full Text Search
 

To Download 0785260001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0785260001 Active
1.27mm (.050") Pitch SIM Card Holder with separate Detect Pin, 8 Circuits, Push-Push Style, Housing Height 1.50mm (.059"), with Pegs, Lead Free, Halogen Free
Documents: Drawing (PDF) Product Specification PS-78526-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Button Type Comments Component Type Product Name Type Memory Card Sockets 78526 Push-Push With Pegs Card Holder (Host) SIM N/A
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Card Detection Switch Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Temperature Range - Operating Termination Interface: Style Yes 8 8 10,000 No Ejector Button Present Horizontal Yes Copper Alloy Gold Tin High Temperature Thermoplastic Yes Normal Yes Embossed Tape on Reel 0.050 In 1.27 mm 0.050 In 1.27 mm 30 0.76 100 2.54 1 -20C to +85C Surface Mount
Search Parts in this Series 78526Series Mates With Standard SIM Card
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 0.5A Yes 50V DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-78526-001 PS-78526-001 SD-78526-001
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0785260001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X