|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 03/18/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: 3D Model Drawing (PDF) 0738260001 Active 1.27mm (.050") Pitch EBBITM 50D Receptacle, Press-fit, Vertical, SCA-2, 80 Circuits Product Specification PS-73826-0000 (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA UL LR19980 E29179 image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Series General Product Family Series Application Application Tooling Part Link Application Tooling Part Link Product Name PCB Receptacles 73826 Board-to-Board 621002601 621002602 EBBITM Physical Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Temperature Range - Operating Termination Interface: Style 80 Black 500 94V-0 No Yes High Performance Alloy (HPA), Phosphor Bronze Gold Tin-Lead High Temperature Thermoplastic 2 Vertical 0.117 In 2.97 mm Yes Yes 0.093 In 2.40 mm Tray 0.050 In 1.27 mm 30 0.75 75 1.875 Yes -40C to +105C Through Hole - Compliant Pin Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 73826Series Mates With 87572 , 87571 , 87012 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # SCA-2 Upper 0621002602 Alignment Tool for 1.27mm (.050") Pitch SCA-2 Receptacle, Press-Fit Assembly, 73826 Series (80 Circuits) SCA-2 Lower 0621002601 Alignment Tool for 1.27mm (.050") Pitch Electrical Current - Maximum per Contact Voltage - Maximum 1A 30V Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-73826-0000 SD-73826-001 SCA-2 Receptacle, Press-Fit Assembly, 73826 Series (80 Circuits) This document was generated on 03/18/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0738260001 |