Part Number Hot Search : 
50OHM SPLC564C 1057091 08A00 AS2520P RC5060 MBJ5333 N4902B
Product Description
Full Text Search
 

To Download 0673514000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0673514000 Active
MicroCrossTM DVI-D Digital Visual Interface, PCB Receptacle, Glass-filledPolyester (PBT), Through Hole, Right Angle, 0.76m (30") Gold (Au) Plating, 24 Circuits, Lead Free
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Application Comments Component Type Product Name Type I/O Connectors 67351 Wire-to-Board DDWG (Digital Display Working Group) Standard Receptacle MicroCrossTMDVI N/A
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire Size AWG N/A 24 24 Ivory, Natural 100 Receptacle Yes Yes Copper Alloy Gold Tin Polyester 3 Right Angle 0.092 In 2.34 mm Yes Yes Tray Yes 0.075 In 1.91 mm 0.075 In 1.91 mm 30 0.76 100 2.50 Yes Yes 1 No -20C to +85C Through Hole No N/A
Search Parts in this Series 67351Series Mates With 74323 MicroCrossTM DVI Plug Components. 88741 MicroCrossTM DVI Cable Assemblies Use With 71781 Panel Mount Hex Screw Kit
Electrical
Current - Maximum per Contact Grounding to Panel Shield Type Shielded N/A Yes Full Shield Yes
Material Info Reference - Drawing Numbers
Packaging Specification Sales Drawing PK-74320-010 SD-67351-003
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0673514000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X