Part Number Hot Search : 
01700 B44066 TIP35 C291M BZT52C5 BTS41 CW7808 38510
Product Description
Full Text Search
 

To Download 0560868000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0560868000 Active
2.00mm (.079") Pitch Crimp Terminal 56086, Male, 22-28 AWG, Reel, for 51227 Housing
Documents: 3D Model Drawing (PDF)
Product Specification PS-51216-006 (PDF) RoHS Certificate of Compliance (PDF) Series Crimp Terminals 56086 Yes N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Product Name
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Male Phosphor Bronze Tin Tin Reel 36 0.90 36 0.90 Crimp or Compression 1.50mm (.059") max. 22, 24, 26, 28 N/A
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-51216-006, RPS-51216-006, RPS-51216-012, RPS-51216-014 SD-56086-002 Search Parts in this Series 56086Series Use With 51227 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Extraction Tool 0638132700 Hand Crimp Tool 0638192500 for 2.00mm (.079") Crimp Terminals, 26-28 AWG FineAdjustTM 0639007600 Applicator for 2.00mm (.079:) Crimp Terminal, AWG 22-28
T2 Terminator Tooling Die for 2.00mm (.079") Crimp Terminal, 22-28 AWG
0639107600
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0560868000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X