|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/06/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0495171300 Active 3.96mm (.156") Pitch Wire-to-Board Female Housing, 13 Circuits, Natural Documents: Drawing (PDF) Packaging Specification (PDF) Product Specification PS-49517-001 (PDF) RoHS Certificate of Compliance (PDF) Agency Certification UL E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Series General Product Family Series Product Name Crimp Housings 49517 N/A Physical Breakaway Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating No 13 Natural 94V-0 Female No None Yes Nylon 1 Bag No 0.156 In 3.96 mm Yes No -25C to +85C Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 49517Series Mates With 35978 Header Use With 359229002 Wire-to-Board Terminal. 49518 TPATM Electrical Current - Maximum per Contact 7A Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-49517-001 SD-49517-001 This document was generated on 04/06/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0495171300 |