Part Number Hot Search : 
ISL9440A BAR3502S N04R2 E428020 2N1489 RK39A 1A225 CAR0603
Product Description
Full Text Search
 

To Download 0495171000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0495171000 Active
3.96mm (.156") Pitch Wire-to-Board Female Housing, 10 Circuits, Natural
Documents: Drawing (PDF) Packaging Specification (PDF)
Product Specification PS-49517-001 (PDF) RoHS Certificate of Compliance (PDF)
Agency Certification
UL E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
General
Product Family Series Product Name Crimp Housings 49517 N/A
Physical
Breakaway Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating No 10 Natural 94V-0 Female No None Yes Nylon 1 Bag No 0.156 In 3.96 mm Yes No -25C to +85C
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 49517Series Mates With 35978 Header Use With 359229002 Wire-to-Board Terminal. 49518 TPATM
Electrical
Current - Maximum per Contact 7A
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-49517-001 SD-49517-001
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0495171000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X