Part Number Hot Search : 
TTPH96K3 PA1724 BZX84C33 FAN5332A 2N1805 272MK35S RU4AG SD120
Product Description
Full Text Search
 

To Download 0495170504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0495170504 Active
3.96mm (.156") Pitch Wire-to-Board Female Housing, 5 Circuits, Blue
Documents: 3D Model Drawing (PDF) Packaging Specification (PDF)
Product Specification PS-49517-001 (PDF) RoHS Certificate of Compliance (PDF)
Agency Certification
UL E29179
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Product Name Crimp Housings 49517 N/A
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 5 Natural 94V-0 Female No None Yes Polyester 1 Bag No 0.156 In 3.96 mm Yes No -25C to +85C
Search Parts in this Series 49517Series Mates With 35978 Wire-to-Board Header Use With 359229002 Wire-to-Board Terminal. 49518 TPATM
Electrical
Current - Maximum per Contact 6A, 7A
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-49517-001 PS-49517-001 SD-49517-001
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0495170504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X