Part Number Hot Search : 
SC320 W30NF20 H32S72 7BSVZ 012GN01 T2955 MMBT2907 A7303
Product Description
Full Text Search
 

To Download 0436501205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0436501205 Active
microfit_30 3.00mm (.118") Pitch Micro-Fit 3.0TM Header, Surface Mount Compatible, Single Row, Right Angle, with Press-fit Metal Retention Clip, 12 Circuits, 0.76m (30") Gold (Au) Selective Plating, Glow Wire Compatible
Documents: 3D Model Packaging Specification (PDF) Drawing (PDF)
Product Specification PS-43650 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA TUV UL LR19980 R72081037 E29179
General
Product Family Series Application Comments Overview Product Literature Order No Product Name PCB Headers 43650 Wire-to-Board High Temperature|Square Pin|Solder Type microfit_30 USA-106 Micro-Fit 3.0TM
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable No 12 12 Black 30 94V-0 Yes 0.275 In 6.98 mm Brass Gold Tin High Temperature Thermoplastic 1 Right Angle Yes Yes 0.062 In 1.60 mm Tray 0.118 In 3.00 mm 30 0.76 100 2.50 Yes Fully No
Search Parts in this Series 43650Series Mates With 43645 Micro-Fit 3.0TM Receptacle Housing
Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
Yes -40C to +105C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 5A 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 30 SMC & Wave Capable (TH only) 3 260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-70873-0321 PS-43650 SD-43650-002 TS-43045-002
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0436501205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X