Part Number Hot Search : 
CY14B10 2A110 MS4012F ER501 P6KE5 2SD2179 PN513 AD53509
Product Description
Full Text Search
 

To Download 0399300221 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0399300221 Active
3.81mm (.150") Pitch BeauTM EuroMateTM Pluggable PCB Terminal Block, Dual Level, 90 Wire Entry, 21 Circuits
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL E48521 image - Reference only
Series
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39930 Wire-to-Board Plug USA-264 EuroMateTMPluggable Euro Block EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Color - Resin Entry Angle Flammability Lock to Mating Part Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Termination Interface: Style Wire Size AWG Wire Size mm 21 Black Horizontal 94V-0 None Tin Tin Nylon 2 Vertical No 0.150 In 3.81 mm Yes No 130C Screw or Lug 14, 16, 18, 20, 22 0.50 - 1.50
Search Parts in this Series 39930Series
Electrical
Current - Maximum per Contact Voltage - Maximum 12A 300V
Material Info
Old Part Number 930821
Reference - Drawing Numbers
Sales Drawing SD-39930-003
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0399300221

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X