Part Number Hot Search : 
C74VHC2 B2000 74LVX02 CEM3360 MA196 SR6A6K12 GW30N 4C09N
Product Description
Full Text Search
 

To Download 0394260002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0394260002 Active
12.00mm (.472") Pitch BeauTM EuroMaxTM Right Angle PCB Header, Closed Ends, 2 Circuits, with Threaded Retention Inserts
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Application Component Type Product Name Type Terminal Blocks 39426 Wire-to-Board PCB Header EuroMaxTMPluggable Euro Block EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Temperature Range - Operating Termination Interface: Style Wire Size AWG 2 N/A Yes Tin Tin 1 Right Angle 0.169 In 4.30 mm Yes 0.125 In 3.20 mm No 0.472 In 12.00 mm 150 3.75 150 3.75 Yes Closed Ends No 130C Through Hole N/A
Search Parts in this Series 39426Series Mates With 39421 Plugs
Electrical
Current - Maximum per Contact Voltage - Maximum 85A 600V
Material Info
Old Part Number 425902
Reference - Drawing Numbers
Sales Drawing SD-39426-001
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0394260002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X