Part Number Hot Search : 
ISD2564 3MC060 CLL4122 100MB 5932B 5932B 2SC184 12250
Product Description
Full Text Search
 

To Download 0351560500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0351560500 Active
3.96mm (.156") Pitch Wire-to-Board Housing: Positive Locking, 5 Circuits, Natural
Documents: 3D Model Drawing (PDF) Product Specification PS-35156-001 (PDF)
Product Specification PS-35156-003 (PDF) RoHS Certificate of Compliance (PDF)
Agency Certification
CSA TUV UL LR19980 R72081037 E29179
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Product Name Crimp Housings 35156 N/A
Physical
Breakaway Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating No 5 Natural 94V-0 Female No None Yes Polyester 1 Bag No 0.156 In 3.96 mm No -40C to +105C
Search Parts in this Series 35156Series Mates With Use With 50217 Crimp Terminals
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-35156-001, PS-35156-003, RPS-35156-002, RPS-35156-003, RPS-35156-101 SD-35156-**0*
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0351560500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X