|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0190700014 Active InsulKrimpTM Ring Tongue Terminal for 18-22 AWG Wire Documents: Drawing (PDF) Product Specification PS-19902-009 (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA UL LR18689 E32244 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Crimp Quality Equipment Mil-Spec Product Name Type Ring and Spade Terminals 19070 Yes N/A InsulKrimpTM Ring Physical Barrel Type Flammability Insulation Material - Plating Mating Packaging Type Stud Size Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Closed 94V-2 PVC Tin Adhesive Tape on Reel 8 (M4) Crimp or Compression 3.70mm (.145") max. 18, 20, 22 0.82-0.33 Material Info Old Part Number AA-221-08XT Search Parts in this Series 19070Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Crimp Dies for 0192880023 MTA-100 Tape Applicator used in 3BF Press, MTA-105 Tape Applicator used in TM-2000TM Press, and ATP-301 Air Crimping Press for Mylar Tape Mounted Terminals Mini-MacTM 0638851300 Applicator Reference - Drawing Numbers Product Specification Sales Drawing PS-19902-009 SD-19070-003 This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0190700014 |