Part Number Hot Search : 
Q6030LH5 STB6NC80 07197 SMBJ160A 2Y4NANV 17578 GF7NB SIA418DJ
Product Description
Full Text Search
 

To Download UF1000F09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UF1000F~UF1006F
ULTRAFAST RECOVERY RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * Ultra fast recovery time, high voltage. * In compliance with EU RoHS 2002/95/EC directives
50 to 600 Volts
CURRENT
10.0 Amperes
MECHANCALDATA
* Case: ITO-220AC full molded plastic package * Terminals: Lead solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Standard packaging: Any * Weight: 0.055 ounces, 1.5615 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt a t Tc = 1 0 0 O C P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 0 . 0 A M a xi m um D C R e ve r s e C ur r e nt T J = 2 5 OC a t R a t e d D C B l o c k i ng V o l t a g e T J = 1 2 5 OC Ty p i c a l J u n c t i o n C a p a c i t a n c e ( N o t e 1 ) M a x i m u m R e v e r s e R e c o v e r y Ti m e ( N o t e 2 ) Ty p i c a l T h e r m a l R e s i s t a n c e ( N o t e 3 ) O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L U F 1 0 0 0 F U F 1 0 0 1 F U F 1 0 0 2 F U F 1 0 0 3 F U F 1 0 0 4 F U F 1 0 0 6 F U N I T S VRRM VRMS VD C IF ( A V ) IF S M VF IR CJ trr R J C TJ , TS T G 80 50 2 -5 5 to +1 5 0 1 .0 1 .0 500 50 100
O
50 35 50
100 70 100
200 140 200 10 150
300 210 300
400 280 400
600 420 600
V V V A A
1 .3 0
1 .7 0
V A
pF ns C/W
O
C
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC. 2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A. 3. Thermal resistance from Junction to case. 4. Both Bonding and Chip structure are available.
STAD-MAR.05.2009
PAGE . 1
UF1000F~UF1006F
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT, AMPERES
12.5
JUNCTION CAPACITANCE, pF
240
10.0 7.5 5.0 2.5 0 0
200 160 120
TJ = 25 C
O
80 40
600-800V 50-400V
0
50
100
O
150
1
2
5
10
20
50 100 200
500
CASE TEMPERATURE, C
REVERSE VOLTAGE, VOLTS
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.2 TYPICAL JUNCTION CAPACITANCES
INSTANTANEOUS FORWARD CURRENT, Amperes
100
1000
50-200V
300-400V
INSTANTANEOUS REVERSE CURRENT,uA
10
TJ= 125 C 100
O
600-800V
1
10
0.1
1.0 TJ= 25 C
O
T=25 OC J
0.01
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
20
40
60
80
100
120
1 40
FORWARD VOLTAGE, volts
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
Fig.3 FORWARD CHARACTERISTICS
Fig.4 TYPICAL REVERSE CHARACTERISTICS
FORWARD SURGE CURRENT,AMPERES
175 150 125 100 75 50 25
1 10 100
NO. OF CYCLES AT 60Hz Fig.5 PEAK FORWARD SURGE CURRENT
STAD-MAR.05.2009
PAGE . 2


▲Up To Search▲   

 
Price & Availability of UF1000F09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X