|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ALUMINUM ELECTROLYTIC CAPACITOR FOR E N E R G Y LA M P Suntan(R) TS13D CD11G FEATU R E S 105 3000hour Specifications I T E M S PERFORMANCE DC160~450V 20% Raged Voltage (V) Tan 200 0.06 CHARACTERISTICS Rated Voltage Capacitance Dissipation Factor 250 0.06 350 0.08 400 0.08 450 0.12 Rated Voltage (V) 200~250V 0.01CV or 3A whichever is greater (at 20, after 2 minutes 350~450V 0.06CV+10A (at 20, after 2 minutes Leakage Current Leakage Current Load Life (+130 or 105) After application of the voltage plust the rated ripple current at 105, the capacitors shall meet the below requirement Time 3000hours Leakage Current Not more than the specified value. Capacitance Change Within30% of the initial value Dissipation Factor Not more than 300% of the specified value. After leaving capacitors under no load at 105 for 1000 hours, capacitors shall meet the specified value for load life characteristics listed above Shelf Life (105) Dimensions mm Multiplier for ripple current Frequency coefficient factor for ripple current Frequency 120 W.V Factor 1K 0.85 0.8 10-30K 0.9 0.9 30-100K 1.00 1.00 D d F 6 0.5 2.5 8 0.6 3.5 10 0.6 5.0 12 0.6 5.0 16 0.8 7.5 18 0.8 7.5 200-250 350-450 0.55 0.5 Case Size DxL (mm) Ripple Current (mA, 105/120Hz) WV/V Cap/F 1.0 2.2 3.3 4.7 6.8 10 22 33 47 68 100 150 220 160 Size Ripple Size 200 Ripple Size 250 Ripple Size 350 Ripple Size 400 Ripple Size 450 Ripple 6.3x11 6.3x11 8x12 8x12 8x16 8x16 10x20 13x20 13x25 13x25 16x25 18x30 18x35 30 35 40 50 65 85 150 190 230 270 380 450 550 6.3x11 6.3x11 8x12 8x12 8x16 10x17 10x20 13x20 13x25 16x25 16x30 18x35 18x40 30 35 40 50 65 95 170 230 250 290 420 500 650 6.3x11 8x12 10x14 8x12 8x16 10x20 13x20 13x25 16x25 16x30 18x30 --- 30 35 40 50 70 100 230 240 270 340 450 --- 8x12 8x16 10x17 10x17 10x17 13x20 13x25 16x25 16x30 16x35 ---- 35 40 50 60 80 110 230 190 250 320 ---- 8x12 8x16 10x17 10x20 10x20 13x20 16x25 16x30 16x35 18x35 ---- 35 40 50 60 80 110 160 240 320 380 ---- 8x12 8x16 10x17 13x20 10x20 13x20 16x25 16x30 18x31 ----- 35 45 50 60 60 120 210 260 330 ----- Note: Specification are subject to change without notice. For more detail and update, please visit our website. Suntan(R) Technology Company Limited Website: www.suntan.com.hk Email: info@suntan.com.hk Tel: (852) 8202 8782 Fax: (852) 8208 6246 |
Price & Availability of TS13D9-CD11G |