Part Number Hot Search : 
HSR312L 45TTR 10150 LTC3405A TLE4278G ENA0076 MK53732A 5KP30
Product Description
Full Text Search
 

To Download STP85NF55L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STB85NF55L STP85NF55L
N-channel 55 V, 0.0060 80 A, TO-220, D2PAK , STripFETTM II Power MOSFET
Features
Type STB85NF55L STP85NF55L
VDSS 55 V 55 V
RDS(on) max < 0.008 < 0.008
ID 80 A 80 A
3 1 2
Low threshold drive
TO-220
3 1
Application
DPAK
Switching applications
Description
This Power MOSFET is the latest development of STMicroelectronis unique "single feature size" strip-based process. The resulting transistorshows extremely high packing density for low on-resistance, rugged avalanche characteristics andless critical alignment steps therefore a remarkable manufacturing reproducibility. Figure 1. Internal schematic diagram
Table 1.
Device summary
Marking B85NF55L P85NF55L Package DPAK TO-220 Packaging Tape and reel Tube
Order code STB85NF55LT4 STP85NF55L
August 2009
Doc ID 8544 Rev 8
1/14
www.st.com 14
Contents
STB85NF55L, STP85NF55L
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................ 6
3 4 5 6
Test circuit
................................................ 8
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2/14
Doc ID 8544 Rev 8
STB85NF55L, STP85NF55L
Electrical ratings
1
Electrical ratings
Table 2.
Symbol VDS VGS ID
(1)
Absolute maximum ratings
Parameter Drain-source voltage (VGS = 0) Gate-source voltage Drain current (continuous) at TC = 25 C Drain current (continuous) at TC=100 C Drain current (pulsed) Total dissipation at TC = 25 C Derating factor Value 55 15 80 80 320 300 2.0 10 980 -55 to 175 Unit V V A A A W W/C V/ns mJ C
ID(1) IDM
(2)
PTOT
dv/dt (3) Peak diode recovery voltage slope EAS
(4)
Single pulse avalanche energy Operating junction temperature Storage temperature
TJ Tstg
1. Current limited by package 2. Pulse width limited by safe operating area 3. ISD 80 A, di/dt 300 A/s, VDD V(BR)DSS, Tj TJMAX 4. Starting TJ = 25 C, ID = 40 A, VDD = 40 V
Table 3.
Symbol
Thermal data
Value Parameter D2PAK 0.5 62.5 35 300 Unit TO-220 C/W C/W C/W C
Rthj-case Thermal resistance junction-case max. Rthj-amb Thermal resistance junction-ambient max. Rthj-pcb Thermal resistance junction-pcb Tl max.(1)
Maximum lead temperature for soldering purpose
1. When mounted on 1inch FR-4 2Oz Cu board
Doc ID 8544 Rev 8
3/14
Electrical characteristics
STB85NF55L, STP85NF55L
2
Electrical characteristics
(TCASE= 25 C unless otherwise specified) Table 4.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
On/off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 250 A, VGS= 0 VDS = max rating, VDS = max rating @125 C VGS = 15 V VDS= VGS, ID = 250 A VGS= 10 V, ID= 40 A VGS= 5 V, ID= 40 A 1 1.6 0.0060 0.008 Min. 55 1 10 100 2.5 0.008 0.01 Typ. Max. Unit V A A nA V
Table 5.
Symbol gfs (1) Ciss Coss Crss Qg Qgs Qgd
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate-source charge Gate-drain charge Test conditions VDS = 15 V, ID = 40 A VDS =25 V, f = 1 MHz, VGS = 0 Min. Typ. 130 4050 860 300 80 20 45 110 Max. Unit S pF pF pF nC nC nC
-
VDD = 27.5 V, ID = 80 A VGS = 5 V
-
1. Pulsed: pulse duration=300s, duty cycle 1.5%
Table 6.
Symbol td(on) tr td(off) tf
Switching times
Parameter Turn-on delay time Rise time Turn-off delay time Fall time Test conditions VDD= 27.5 V, ID= 40 A, RG=4.7 , VGS= 5 V Figure 14 on page 8 Min. Typ. 35 165 70 55 Max. Unit ns ns ns ns
-
-
4/14
Doc ID 8544 Rev 8
STB85NF55L, STP85NF55L
Electrical characteristics
Table 7.
Symbol ISD ISDM VSD
(1) (2)
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 80 A, VGS = 0 ISD = 80 A, di/dt = 100 A/s, VDD = 20 V, TJ = 150 C Figure 16 on page 8 Test conditions Min 80 240 6 Typ. Max 80 320 1.5 Unit A A V ns nC A
trr Qrr IRRM
-
1. Pulse width limited by safe operating area 2. Pulsed: pulse duration=300s, duty cycle 1.5%
Doc ID 8544 Rev 8
5/14
Electrical characteristics
STB85NF55L, STP85NF55L
2.1
Figure 2.
Electrical characteristics (curves)
Safe operating area Figure 3. Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Transconductance
Figure 7.
Static drain-source on resistance
6/14
Doc ID 8544 Rev 8
STB85NF55L, STP85NF55L Figure 8. Gate charge vs gate-source voltage Figure 9.
Electrical characteristics Capacitance variations
Figure 10. Normalized gate threshold voltage vs temperature
Figure 11. Normalized on resistance vs temperature
Figure 12. Source-drain diode forward characteristics
Figure 13. Normalized BVDSS vs temperature
Doc ID 8544 Rev 8
7/14
Test circuits
STB85NF55L, STP85NF55L
3
Test circuits
Figure 15. Gate charge test circuit
VDD 12V
2200
Figure 14. Switching times test circuit for resistive load
47k 100nF
1k
RL VGS VD RG PW D.U.T.
F
3.3 F
VDD Vi=20V=VGMAX
2200 F
IG=CONST 100 2.7k 47k PW 1k
AM01469v1
D.U.T. VG
AM01468v1
Figure 16. Test circuit for inductive load Figure 17. Unclamped inductive load test switching and diode recovery times circuit
A D G S B 25 D.U.T.
A FAST DIODE B
A L=100H B D G 3.3 F 1000 F
L
VD
2200 F
3.3 F
VDD
VDD
ID
RG
S
Vi
D.U.T.
Pw
AM01470v1 AM01471v1
Figure 18. Unclamped inductive waveform
V(BR)DSS VD
IDM ID VDD VDD
AM01472v1
8/14
Doc ID 8544 Rev 8
STB85NF55L, STP85NF55L
Package mechanical data
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK(R) packages, depending on their level of environmental compliance. ECOPACK(R) specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark.
Doc ID 8544 Rev 8
9/14
Package mechanical data
STB85NF55L, STP85NF55L
TO-220 mechanical data
mm Dim Min A b b1 c D D1 E e e1 F H1 J1 L L1 L20 L30 P Q 4.40 0.61 1.14 0.48 15.25 1.27 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 Typ Max 4.60 0.88 1.70 0.70 15.75 Min 0.173 0.024 0.044 0.019 0.6
inch Typ Max 0.181 0.034 0.066 0.027 0.62 0.050 0.409 0.106 0.202 0.051 0.256 0.107 0.551 0.154 0.645 1.137 0.151 0.116
10/14
Doc ID 8544 Rev 8
STB85NF55L, STP85NF55L
Package mechanical data
D2PAK (TO-263) mechanical data
Dim A A1 b b2 c c2 D D1 E E1 e e1 H J1 L L1 L2 R V2
mm Min 4.40 0.03 0.70 1.14 0.45 1.23 8.95 7.50 10 8.50 2.54 4.88 15 2.49 2.29 1.27 1.30 0.4 0 8 0 5.28 15.85 2.69 2.79 1.40 1.75 0.192 0.590 0.099 0.090 0.05 0.051 Typ Max 4.60 0.23 0.93 1.70 0.60 1.36 9.35 10.40 Min 0.173 0.001 0.027 0.045 0.017 0.048 0.352 0.295 0.394 0.334
in c h Typ Max 0.181 0.009 0.037 0.067 0.024 0.053 0.368 0.409 0.1 0.208 0.624 0.106 0.110 0.055 0.069 0.016 8
0079457_M
Doc ID 8544 Rev 8
11/14
Packaging mechanical data
STB85NF55L, STP85NF55L
5
Packaging mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
12/14
Doc ID 8544 Rev 8
STB85NF55L, STP85NF55L
Revision history
6
Revision history
Table 8.
Date
Document revision history
Revision Changes New ECOPACK(R) statement in Section 4: Package mechanical data Content reworked to improve readability, no technical changes Table 3: Thermal data has been updated
19-May-2009 06-Aug-2009
7 8
Doc ID 8544 Rev 8
13/14
STB85NF55L, STP85NF55L
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2009 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Philippines - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
14/14
Doc ID 8544 Rev 8


▲Up To Search▲   

 
Price & Availability of STP85NF55L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X