Part Number Hot Search : 
9248DF AP9980J 36430 RF5112 SF5G49 SAD571 2NF08 EL2142CN
Product Description
Full Text Search
 

To Download SR550 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCHOTTKY BARRIER RECTIFIER
SR520 THRU SR5100
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
20 to 100 Volts 5.0 Ampere
Fast switching speed Low forward voltage Low power high efficiency High surge capability High temperature soldering guaranteed 250/10 seconds,0.373"(9.5mm)lead length
DO-201AD(DO-27)
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-0 rate flame retardant Lead: solderarable per MIL-STD-202E method 208C Polarity: Color band denoted cathode end Mounting position: Any Weight: 0.045 ounce, 1.27 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% SYMBOLS SR520 SR530 Maximum Repetitive Peak Reverse Voltage VRRM 20 30 Maximum RMS Voltage VRMS 14 21 Maximum DC Blocking Voltage VDC 20 30
Maximum Average Forward Rectified Current,0.375"(9.5mm)Lead length,(Note 1)See Fig.1 TL = 60(SR502-504) TL = 85(SR505-510)
* * *
SR540 40 28 40
SR550 50 35 50 5.0 150
SR560 SR580 SR5100 60 80 100 42 56 70 60 80 100
UNIT Volts Volts Volts Amps Amps
I(AV) IFSM VF IR CJ RJA TJ TSTG 550 0.55
Peak Forward Surge Current 8.3mS single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 5.0A Maximum DC Reverse Current at rated TA = 25 DC Blocking Voltage per element TA = 100 (Note 1) Typical Junction Capacitance(Measured at 1.0Hzand applied reverse voltage of 4.0V) Typical Thermal Resistance Operating Junction Temperature Range Storage Temperature Range
0.75 1.0 50 450 15 (-55 to +150) (-55 to +150)
0.85
Volts mA
350
pF
/W
Notes: 1. Pulse test:300s pulse width,1%duty cycle
Web Site: WWW.PS-PFS.COM
SCHOTTKY BARRIER RECTIFIER
SR520 THRU SR5100
VOLTAGE RANGE CURRENT
20 to 100 Volts 5.0 Ampere
RATING AND CHRACTERISTIC CURVES SR520 THRU SR5100
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT,
6.0
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE
5.0
150
CURRENT, (A)
8.3ms Single Half Sine-Wave (JEDEC Method) T= Tjmax j 100
4.0
50 SR 550 SR
(A)
3.0
Single Phase Half Wave 60Hz
5 SR 10
SR 5-
2.0
Inductive or Resistive Load 0.375(9.5mm) Lead Length
51 0
50
1.0
1 Cycle 0 0 25 50 60 75 85 100 125 150 175 0 1 2 4 6 8 10 20 40 60 100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100 SR502-SR504
FIG.4-TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT,
SR502-SR504 SR505-SR510
INSTANTANEOUS FORWARD CURRENT,
SR505-SR510
1.0
10
TJ =125 C
(A)
(mA)
1.0
0.1
T J =25 C
PULSE WIDTH=300s DUTY CYCLE1%
TJ =75 C
0.1
0.01
TJ =25 C
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0.001
INSTANTANEOUS FORWARD VOLTAGE,(V)
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK FIG.5-TYPICAL JUNCTION CAPACITANCE
10000 TJ =25 C f=1MHz Vsig=50mV
REVERSE VOLTAGE,(%)
JUNCTION CAPACITANCE,(pF)
1000
SR502-SR504 SR505-SR510
100 0.1 1.0 10 100
REVERSE VOLTAGE,(V)
Web Site: WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of SR550

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X