![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SR5100 Elektronische Bauelemente VOLTAGE 100V 5.0 Amp Schottky Barrier Rectifiers RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free DO-27 FEATURES * Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction .220(5.6) .189(4.8) DIA. 1.0(25.4) MIN. MECHANICAL DATA * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Lead solderable per MIL-STD-202, method 208 guaranteed * Polarity: As Marked * Mounting position: Any * Weight: 1.10 grams(Approximately) .052(1.3) .043(1.1) DIA. .375(9.5) .285(7.2) 1.0(25.4) MIN. Dimens ions in inches and (millimeters ) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage (IF = 5 Amps,TA= 25 C) Maximum Instantaneous Forward Voltage (IF = 5 Amps,TA= 125 C) Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance RJC (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG NOTES: SR5100 100 100 100 5 150 0.82 0.70 0.05 20 700 12 -50 ~ +150 -65 ~ +175 UNITS V V V A A V mA mA pF C/W C C Ta=25 C Ta=125 C 1. Measured at 1MHz and applied reverse voltage of 5.0V D.C. 2. Thermal Resistance Junction to Case. http://www.SeCoSGmbH.com Any changing of specification will not be informed individual 01-Jul -2008 Rev. B Page 1 of 2 SR5100 VOLTAGE 100V Elektronische Bauelemente 5.0Amp Schottky Barrier Rectifiers RATING AND CHARACTERISTIC CURVES Typical Forward Current Derating Curve 50 7 6 Typical Forward Characteristic Average Forward Current (A) 5 4 3 2 1 0 20 50 100 150 Instantaneous Forward Current (A) 5 75J 100J 2 50J 25J 190 1 Tc, Case Temperature (J) Typical Junction Capacitance 400 0.1 0.4 0.5 0.6 0.7 0.8 0.9 1.0 Forward Voltage (V) Junction Capacitance (pF) 300 200 100 Typical Reverse Characteristic 10 0 0.1 1 10 100 Revise Voltage (%) 100J 1 200 Peak Forwad surge Current (A) Reverse Current(mA) Maximum Non- Repetitive Forward Surge Current 160 Tj=25J 8.3mS Single half Sine Wave JEDEC Method 0.1 75J 120 80 0.01 50J 40 25J 0 0 10 100 0.001 10 30 50 70 90 110 Number of Cycles at 60Hz http://www.SeCoSGmbH.com Reverse Voltage(V) Any changing of specification will not be informed individual 01-Jul-2008 Rev. B Page 2 of 2 |
Price & Availability of SR5100
![]() |