Part Number Hot Search : 
AN78L20M DMG3418L CSP1027 K3020 15ETX06 80001 MAX9019 MBR05
Product Description
Full Text Search
 

To Download SM3436-37HS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model SM3436-37HS
3400-3600 MHz 5 Watt Linear Power Amplifier FOR ISM, WCS, & BWA APPLICATIONS
The SM3436-37HS is a solid state GaAs amplifier designed primarily for multiple wireless markets. With 200 MHz of bandwidth, the amplifier can be used in Industrial Scientific Medical (ISM), Wireless Communications Systems (WCS), and Broadband Wireless Access (BWA) applications. This amplifier operates from 3400 to 3600 MHz, provides 36 dB of gain, 0.5 dB gain flatness over the full band, and +37 dBm of output power at the 1 dB compression point. This highly linear design provides an output third order intercept point of + 50 dBm. The amplifier operates off a single supply of +12V (+10V available as an option) and 1.9 A (typ). The unit uses the latest surface mount technologies to provide numerous features while maintaining a very small size. Features * * * Mis-Match Protected Over Voltage Protection Thermal Protection with Auto Reset
Parameter Frequency Range Pout (P1dB) Third Order Intercept Point Linear Gain Gain Flatness over Full Band Input/Output Return Loss DC Input Voltage DC Input Current Mechanical Dimensions (Without Heatsink) RF Connectors Operating Temperature Operating Humidity Operating Altitude
Specification 3.4 - 3.6 GHz + 37 dBm + 50 dBm 33 dB 1.0 dB .5 dB -14 dB / -14dB +12 Volts (+10 V Operation Available) 1.9 Amperes (typ.) 4.7 x 2.0 x 0.54 inches SMA Female 0C to +55C 95% Non-condensing Up to 10,000 feet above Sea Level
Options * * * * Logic On/Off Control Integral Heatsink Single DC Supply of +10 V High Speed Switching for TDD
Configurations * * Module 19" Rack
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM3436-37HS
3400-3600 MHz 5 Watt Linear Power Amplifier FOR ISM, WCS, & BWA APPLICATIONS
WiMAX PERFORMANCE - IEEE MASK & EVM FOR 30dBm Pout 802.16d 10 MHz 64 QAM OFDM
IE E E 8 02.1 6 - 2 00 4 Frequency: Sweep Mode: Burst Type: SpectrumMask Ref 7.7 dBm A tt/EL 5.00 / 15.00 dB 3.5 GHz C ontinuous O FDM DL Burst Signal Level Setting: Trigger Mode: Modulation: 6.2 dBm P ower 64Q A M3/4 RBW V BW SWT 100 kHz 30 kHz 2s External A tt: Trigger O ffset: No O f Data Symbols: 24.5 dB -10 s 1/2425
Sweep
1 of 1
CHECK RESULT Pass Spect Mask Pass 22
*
B
12
1 PK CLRWR
2
-8 TRG -18 LVL
-28
-38
Spect Mask
-48
-58
3475.00 MHz
Running ...
5.00 MHz/div
3525.00 MHz
SM3436-37 S/N 18288 TR06-210 802.16d 10MHz 30 symbols 64 QAM Date: 14.JUL.2006 10:15:27
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM3436-37HS
3400-3600 MHz 5 Watt Linear Power Amplifier FOR ISM, WCS, & BWA APPLICATIONS
IE E E 8 02.1 6 - 2 00 4 Frequency: Sweep Mode: Burst Type: 3.5 GHz C ontinuous O FDM DL Burst Signal Level Setting: Trigger Mode: Modulation: 6 dBm P ower 64Q A M3/4 External A tt: Trigger O ffset: No O f Data Symbols: 24.5 dB -10 s 1/2425
Res ult Summary No. of Bursts 6 Min EV M A ll C arriers EV M Data C arriers EV M P ilot C arriers IQ O ffset Gain Imbalance Q uadrature Error C enter Frequency Error C lock Error Burst P ower C rest Factor RSSI RSSI Standard Deviation C INR C INR Standard Deviation 42.83 - 44.53 - 44.53 - 44.96 - 51.61 - 0.0 1 - 0.0 64 0.2 5 - 0.0 0 29.23 8.6 3 7.5 3 Mean - 44 .16 - 44 .14 - 44 .68 - 51 .48 - 0.0 1 - 0.0 62 - 0.3 7 - 0.0 2 29 .23 8.6 3 7.5 3 2.1 0 44 .75 31 .00 45 .52 28000 8 - 15.00 Limit - 31.00 Max - 43 .84 - 43 .80 - 44 .37 - 51 .42 - 0.0 1 - 0.0 59 - 0.9 9 - 0.0 6 29 .23 8.6 3 7.6 8 28000 8 - 15.00 Limit - 31.00 Unit dB dB dB dB dB Hz ppm dBm dB dBm dB dB dB
Running ...
SM3436-37 S/N 18288 TR06-210 802.16d 10MHz 30 symbols 64 QAM Date: 14.JUL.2006 10:07:45
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM3436-37HS
3400-3600 MHz 5 Watt Linear Power Amplifier FOR ISM, WCS, & BWA APPLICATIONS
DIMENSIONS IN INCHES
+12 VDC GND ON/OFF RF OUT
Model: SM2325-37HS
RF IN
Pin RF IN RF OUT GND +12 VDC ON/OFF
Description Input Connector (SMA Female) Output Connector (SMA Female) Ground Turret DC Input Voltage TTL Logic On/Off
Values +2 dBm typ. + 37 dBm @ P1dB --+ 12 Volts @ 1.9 Amperes 0 Volts = Off, +5 Volts = On
Specifications subject to change without notice.
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com


▲Up To Search▲   

 
Price & Availability of SM3436-37HS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X