Part Number Hot Search : 
PWR1141 HFR30A06 2N720A 15340 UA723CD 42S16800 2SD10 FB2504
Product Description
Full Text Search
 

To Download SES3V3D923-2U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SES Series
Ultra Small ESD Protector SES3V3D923-2U
ROHS
Description
The SES3V3D923-2U is designed to protect voltage sensitive components from ESD. Excellent clamping capability, low leakage, and fast response time provide best in class protection on designs that are exposed to ESD. Because of its small size, it is suited for use in cellular phones, MP3 players, digital cameras and many other portable applications where board space is at a premium.
Feature
Small Body Outline Dimensions: Low Leakage Response Time is Typically < 1 ns ESD Rating of Class 3 (> 16 kV) per Human Body Model IEC61000-4-2 Level 4 ESD Protection These are Pb-Free Devices
Applications
Cell Phone Handsets and Accessories MP3 player Portable Instrumentation Cordless Phones Digital Cameras
Absolute maximum rating @25
Rating
IEC 61000-4-2 (ESD) Contact ESD Voltage Per Human Body Model Per Machine Model Peak Pulse Power ( tP = 8/20S ) Maximum Peak Pulse Current ( tP = 8/20S ) Lead Soldering Temperature Operating Temperature Storage Temperature
Ultra Small ESD Protector 1
Symbol
Value
15 16 400
Units
kV kV V W A
www.goodark.com
Ppk Ipp TL TJ TSTG
60 9.8 260 (10 sec) -55 to +125 -55 to +150
SES Series
Ultra Small ESD Protector SES3V3D923-2U
ROHS
Electrical characteristics per line@25(unless otherwise specified)
Parameter
Working Voltage Breakdown voltage Reverse Leakage Current Clamping Voltage Junction Capacitance
Symbol
VRWM VBR IR VC Cj
Conditions
Min.
Typ.
Max.
3.3
Units
V V
It =1mA VRWM =3.3V T=25 IPP=7.0A tP = 8/20S
5.0 2.5 9.8 30
A V pF
VR=0V f = 1MHz
Typical Characteristics
Ultra Small ESD Protector
2
www.goodark.com
SES Series
Ultra Small ESD Protector SES3V3D923-2U
ROHS
Product dimension
Revision History
Revision
1.0
Date
2008-7-3
Changes
-
Ultra Small ESD Protector
3
www.goodark.com


▲Up To Search▲   

 
Price & Availability of SES3V3D923-2U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X