|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
UV Enhanced Silicon Photodiode SD 200-13-23-042 PACKAGE DIMENSIONS INCH [mm] PACKAGE DIMENSIONS INCH [mm] .208 [5.28] .193 [4.90] .075 [1.91] O.300 [7.62] PIN CIRCLE O.435 [11.05] O.425 [10.80] O.490 [12.45] O.480 [12.19] 83 VIEWING ANGLE 1 O.555 [14.10] O.545 [13.84] 2 3X O.018 [0.46] 3 .024 [0.60] MAX GLASS ABOVE CAP TOP EDGE 3X 1.50 [38.1] 1 ANODE 3 NOT USED O.200 [5.08] ACTIVE AREA 2 CATHODE/ CASE GROUND SCHEMATIC CHIP DIMENSIONS INCH [mm] CHIP DIMENSIONS INCH [mm] .222 [5.64] SQUARE TO-8 PACKAGE TO-8 PACKAGE FEATURES * * * * Low noise UV enhanced High shunt resistance High response DESCRIPTION The SD 200-13-23-042 is a UV enhanced silicon PIN packaged in a hermetic TO-5 metal package. APPLICATIONS * Instrumentation * Industrial * Medical ABSOLUTE MAXIMUM RATING (TA)= 23C UNLESS OTHERWISE NOTED SYMBOL VBR TSTG TO TS PARAMETER Reverse Voltage Storage Temperature Operating Temperature Soldering Temperature* -55 -40 MIN MAX 75 +150 +125 +240 UNITS Responsivity (A/W) 0.60 0.50 0.40 0.30 0.20 0.10 0.00 200 250 SPECTRAL RESPONSE V C C C 300 350 400 450 500 550 600 650 700 750 800 850 900 950 1000 1050 1100 * 1/16 inch from case for 3 seconds max. Wavelength (nm) ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23C UNLESS OTHERWISE NOTED SYMBOL ID RSH CJ lrange R VBR NEP tr CHARACTERISTIC Dark Current Shunt Resistance Junction Capacitance Spectral Application Range Responsivity Breakdown Voltage Noise Equivalent Power Response Time** TEST CONDITIONS VR = 5V VR = 10 mV VR = 0 V, f = 1 MHz VR = 5 V, f = 1 MHz Spot Scan l= 365nm, VR = 0 V I = 10 A VR = 0V @ l=365nm RL = 50 ,VR = 0 V RL = 50 ,VR = 10 V MIN 77 345 102 250 0.14 1100 0.18 10 8.9x10-14 190 13 TYP 6.0 MAX 30 UNITS nA MW pF nm A/W V W/ Hz nS **Response time of 10% to 90% is specified at 660nm wavelength light. Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are subject to change without notice. Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 * Phone (805) 987-0146 * Fax (805) 484-9935 * www.advancedphotonix.com 1150 |
Price & Availability of SD200-13-23-042 |