Part Number Hot Search : 
FMXG22S MLL983B A27K1V1 STF202 M74HC21 1537M 2SC1684 MAX5020
Product Description
Full Text Search
 

To Download SBL2060CTP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL2060CTP
20A SCHOTTKY BARRIER RECTIFIER
Please click here to visit our online spice models database.
Features
* * * * * Low Forward Voltage Drop Excellent High Temperature Stability Patented Super Barrier Rectifier Technology Soft, Fast Switching Capability UL Approval in Accordance with UL 1557, Reference No. E94661
Mechanical Data
* * * * * * Case: ITO-220S Case Material: Molded Plastic, UL Flammability Classification Rating 94V-0 Terminals: Matte Tin Finish annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Marking Information: See Page 2 Ordering Information: See Page 2 Weight: 1.335 grams (approximate)
Top View
Bottom View
Package Pin Out Configuration
Maximum Ratings (Per Leg) @TA = 25C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitance load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Output Current (Per Leg) (Total) Non-Repetitive Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load Isolation Voltage From Terminal Heatsink t = 1 min. Symbol VRRM VRWM VRM IO IFSM VAC Value 60 10 20 130 2000 Unit V A A V
Thermal Characteristics (Per Leg)
Characteristic Typical Thermal Resistance Junction to Case Operating and Storage Temperature Range Symbol RJC TJ, TSTG Value 3 -65 to +150 Unit C/W C
Electrical Characteristics (Per Leg) @TA = 25C unless otherwise specified
Characteristic Forward Voltage Drop Leakage Current (Note 1)
Notes: 1. Short duration pulse test used to minimize self-heating effect.
Symbol VF IR
Min -
Typ 0.61 0.59 0.04 -
Max 0.70 0.65 0.5 50
Unit V mA
Test Condition IF = 10A, TJ = 25C IF = 10A, TJ = 125C VR = 60V, TJ = 25C VR = 60V, TJ = 100C
SBL2060
Document number: DS31410 Rev. 5 - 2
1 of 3 www.diodes.com
December 2009
(c) Diodes Incorporated
SBL2060CTP
IF, INSTANTANEOUS FORWARD CURRENT (A) 100
IR, INSTANTANEOUS REVERSE CURRENT (A)
100,000
TA = 150C
10,000
TA = 125C
10
TA = 150C TA = 125C T A = 85C
1,000
TA = 85C
1
TA = 25C TA = -55C
100
10
TA = 25C
0.1
1 0.1 0 15 30 45 60 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
0.01 0 200 400 600 800 1,000 VF, INSTANTANEOUS FORWARD VOLTAGE (mV) Fig. 1 Typical Forward Characteristics
20.0
RJA = RJC Total Device
IF(AV), AVERAGE FORWARD CURRENT (A)
17.5 15.0 12.5 10.0 7.5 5.0 2.5 0 25
RJA = 57C/W Per Element Note 3
50 75 100 125 TA, AMBIENT TEMPERATURE (C) Fig. 3 Forward Current Derating Curve
150
Ordering Information
Part Number SBL2060CTP
Notes:
(Note 2) Case ITO-220S Packaging 50 pieces/tube
2. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
SBL2060CTP = Product Type Marking Code AB = Foundry and Assembly Code YYWW = Date Code Marking YY = Last two digits of year (ex: 08 = 2008) WW = Week (01-52)
SBL 2060CTP
YYWW AB
SBL2060
Document number: DS31410 Rev. 5 - 2
2 of 3 www.diodes.com
December 2009
(c) Diodes Incorporated
SBL2060CTP Package Outline Dimensions
ITO-220S
DIM.
E Q D D1
+
OP O1.5 Dp 0.1 max 7 Ref
MIN.
MAX.
TYP.
A A1 H1
+
D2
1.7 Ref 5 Ref 5 Ref
E1
A2
L1
b2 L
e
5 Ref
b
5 Ref
c
e1
A 4.52 4.62 4.57 A1 0.51 1.39 - A2 2.57 2.77 2.67 b 0.72 0.95 0.84 b2 1.15 1.34 1.26 c 0.356 0.61 - D 14.22 16.51 15.00 D1 8.60 8.80 8.70 D2 13.68 14.08 - e 2.49 2.59 2.54 e1 4.98 5.18 5.08 E 10.01 10.21 10.11 E1 6.86 8.89 - H1 5.85 6.85 - L 13.30 13.90 13.60 L1 4.00 - - P 3.54 4.08 - Q 2.54 3.42 - All Dimensions in mm
IMPORTANT NOTICE DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION). Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated website, harmless against all damages. Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings noted herein may also be covered by one or more United States, international or foreign trademarks. LIFE SUPPORT Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems. Copyright (c) 2009, Diodes Incorporated www.diodes.com
SBL2060
Document number: DS31410 Rev. 5 - 2
3 of 3 www.diodes.com
December 2009
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of SBL2060CTP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X