Part Number Hot Search : 
TA4014FE AD7225TQ 500RL 2SA2062 MC3401 SMA2820 22AULC 2SC510
Product Description
Full Text Search
 

To Download RBV1000D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Certificate TH97/10561QM
Certificate TW00/17276EM
RBV1000D - RBV1010D
PRV : 50 - 1000 Volts Io : 10 Amperes
FEATURES :
* * * * * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop High case dielectric strength of 2000 VDC Ideal for printed circuit board Very good heat dissipation Pb / RoHS Free
SILICON BRIDGE RECTIFIERS
RBV25
3.9 0.2 C3 30 0.3 4.9 0.2 3.2 0.1 20 0.3
+
13.5 0.3
~~
11 0.2
1.0 0.1
MECHANICAL DATA :
* Case : Reliable low cost construction utilizing molded plastic technique * Epoxy : UL94V-O rate flame retardant * Terminals : Plated lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Any * Weight : 7.97 grams ( Approximaly )
10 7.5 7.5 0.2 0.2 0.2
2.0 0.2 0.7 0.1
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc = 55C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage per Diode at IF = 10 A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range Ta = 25 C Ta = 100 C
SYMBOL
RBV RBV RBV RBV RBV RBV RBV 1000D 1001D 1002D 1004D 1006D 1008D 1010D 50 35 50 100 70 100 200 140 200 400 280 400 10 300 166 1.1 10 200 2.2 - 40 to + 150 - 40 to + 150 600 420 600 800 560 800 1000 700 1000
17.5 0.5
UNIT V V V A A A2S V A A C/W C C
VRRM VRMS VDC IF(AV) IFSM I2t VF IR IR(H) RJC TJ TSTG
Notes : 1. Thermal Resistance from junction to case with units mounted on a 3.2" x 3.2" x 0.12" (8.2cm.x 8.2cm.x 0.3cm.) Al.-Finned Plate.
Page 1 of 2
Rev. 04 : Decsember 12, 2005
Certificate TH97/10561QM
Certificate TW00/17276EM
RATING AND CHARACTERISTIC CURVES ( RBV1000D - RBV1010D )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
12
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
300
PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD OUTPUT CURRENT AMPERES
10
250
8
200
TJ = 50 C
6
150
4 HEAT-SINK MOUNTING, Tc 3.2" x 3.2" x 0.12" THK. (8.2cm x 8.2cm x 0.3cm) Al.FINNED PLATE 0 25 50 75 100 125 150 175
100 8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD
2
50
0
0 1 2 4 6 10 20 40 60 100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS PER DIODE
10
TJ = 100 C
FORWARD CURRENT, AMPERES
REVERSE CURRENT, MICROAMPERES
10
1.0
Pulse Width = 300 s 1 % Duty Cycle 1.0
0.1
TJ = 25 C
TJ = 25 C
0.1 0.01 0 20 40 60 80 10 12 140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 04 : Decsember 12, 2005


▲Up To Search▲   

 
Price & Availability of RBV1000D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X