Part Number Hot Search : 
PKG058CC ZT653 J0026D21 3C103Z2U 74AUP1 G5335 NTE5545 002000
Product Description
Full Text Search
 

To Download RBV1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RBV1000 - RBV1010
PRV : 50 - 1000 Volts Io : 10 Amperes
SILICON BRIDGE RECTIFIERS
RBV25
3.9 0.2 C3 30 0.3 4.9 0.2 3.2 0.1 20 0.3
FEATURES :
* * * * * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop High case dielectric strength of 2000 VDC Ideal for printed circuit board Very good heat dissipation Pb / RoHS Free
+
13.5 0.3
~~
11 0.2
1.0 0.1
MECHANICAL DATA :
* Case : Reliable low cost construction utilizing molded plastic technique * Epoxy : UL94V-O rate flame retardant * Terminals : Plated lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Any * Weight : 7.97 grams ( Approximaly )
10 7.5 7.5 0.2 0.2 0.2 2.0 0.2 0.7 0.1
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc = 55C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage per Diode at IF = 5.0 A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range
Notes :
SYMBOL
RBV 1000 50 35 50
RBV 1001 100 70 100
RBV 1002 200 140 200
RBV 1004 400 280 400 10 300 160 1.0 10 200 2.5
RBV 1006 600 420 600
RBV 1008 800 560 800
17.5 0.5
RBV 1010 1000 700 1000
UNIT V V V A A A 2S V A A C/W C C
VRRM VRMS
VDC
IF(AV) IFSM I2t VF IR IR(H) RJC TJ TSTG
Ta = 25 C Ta = 100 C
- 40 to + 150 - 40 to + 150
1. Thermal Resistance from junction to case with units mounted on a 3.2" x 3.2" x 0.12" (8.2cm.x 8.2cm.x 0.3cm.) Al.-Finned Plate.
Page 1 of 2
Rev. 03 : September 9, 2005
RATING AND CHARACTERISTIC CURVES ( RBV1000 - RBV1010 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
12
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
300
10
PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD OUTPUT CURRENT AMPERES
250
8
200
TJ = 50 C
6
150
4 HEAT-SINK MOUNTING, Tc 3.2" x 3.2" x 0.12" THK. (8.2cm x 8.2cm x 0.3cm) Al.-FINNED PLATE
100 8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD
2
50
0
0
25
50
75
100
125
150
175
0 1 2 4 6 10 20 40 60 100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS PER DIODE
10
TJ = 100 C
FORWARD CURRENT, AMPERES
REVERSE CURRENT, MICROAMPERES
10 Pulse Width = 300 s 1 % Duty Cycle 1.0
1.0
0.1
TJ = 25 C
TJ = 25 C
0.1 0.01 0 20 40 60 80 100 12 140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 03 : September 9, 2005


▲Up To Search▲   

 
Price & Availability of RBV1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X