Part Number Hot Search : 
JHV348 CDP1853D 00405 154M0 VFC219SA 00405 75733 L7421
Product Description
Full Text Search
 

To Download PZTA42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PZTA42
NPN Silicon High-Voltage Transistors * High breakdown voltage * Low collector-emitter saturation voltage * Complementary type: PZTA92 (PNP) * Pb-free (RoHS compliant) package 1) * Qualified according AEC Q101
4 2 1
3
Type PZTA42
Maximum Ratings Parameter
Marking PZTA42 1=B
Pin Configuration 2=C 3=E 4=C -
Package SOT223
Symbol VCEO VCBO VEBO IC IB Ptot Tj Tstg
Value 300 300 6 500 100 1.5 150 -65 ... 150
Unit V
Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipationTS 124 C Junction temperature Storage temperature Thermal Resistance Parameter Junction - soldering point 2)
1Pb-containing 2For
mA W C
Symbol
RthJS
Value 17
Unit K/W
package may be available upon special request calculation of R thJA please refer to Application Note Thermal Resistance
1
2007-04-26
PZTA42
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter Symbol Values min. DC Characteristics Collector-emitter breakdown voltage
IC = 1 mA, IB = 0 V(BR)CEO V(BR)CBO V(BR)EBO I CBO
Unit max. A V
typ. -
300 300 6
Collector-base breakdown voltage
IC = 100 A, IE = 0
Emitter-base breakdown voltage
IE = 100 A, IC = 0
Collector-base cutoff current
VCB = 200 V, IE = 0 VCB = 200 V, IE = 0 , T A = 150 C
I EBO h FE
-
0.1 20 100 nA -
Emitter-base cutoff current
VEB = 5 V, IC = 0
-
DC current gain1)
IC = 1 mA, VCE = 10 V IC = 10 mA, VCE = 10 V IC = 30 mA, VCE = 10 V
25 40 40
VCEsat VBEsat
-
0.5 0.9 V
Collector-emitter saturation voltage1)
IC = 20 mA, IB = 2 mA
-
Base emitter saturation voltage 1)
IC = 20 mA, IB = 2 mA
AC Characteristics Transition frequency IC = 20 MHz, VCE = 10 V, f = 20 MHz Collector-base capacitance VCB = 20 V, f = 1 MHz
1Pulse
fT Ccb
-
70 -
3
MHz pF
test: t < 300s; D < 2%
2
2007-04-26
PZTA42
DC current gain hFE = (IC) VCE = 10 V
10 3 h FE 5
PZTA 42/43 EHP00724
Collector current I C = (V BE) VCE = 10V
10 3 mA
PZTA 42/43 EHP00726
C
10 2
10 2 5
5
10 1
2 10 1 5
5
10 0 5
10 0 -1 10
5 10
0
5 10
1
5 10 mA 10 C
2
3
10 -1
0
0.5
1.0 V BE
V
1.5
Collector cutoff current ICBO = (TA) VCB = 200 V
10 4 nA
PZTA 42/43 EHP00725
Transition frequency fT = (IC) VCE = 10 V
10 3 MHz
PZTA 42/43 EHP00723
CBO
10 3 5 10 2 5 10 1 5 10 0 5 10 -1 typ max fT
10 2
5
0
50
100 TA
C 150
10 1 10 0
5
10 1
5
10 2 mA 5
10 3
C
3
2007-04-26
PZTA42
Collector-base capacitance Ccb = (VCB) Emitter-base capacitance Ceb = (VEB)
90
pF
Total power dissipation Ptot = (TS)
1.8
W CCB(C EB)
70 60 50 0.9 40
CEB
30 20
P tot
CCB
1.2
0.6
0.3 10 0 0 0 0
4
8
12
16
V
22
15
30
45
60
75
90 105 120
VCB(VEB)
C 150 TS
Permissible Pulse Load Ptotmax/P totDC = (tp)
10 3 Ptot max 5 Ptot DC
PZTA 42/43 EHP00320
tp D= T
tp T
10 2 5
10 1 5
D= 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 0 10 -6
10 -5
10 -4
10 -3
10 -2
s tp
10 0
4
2007-04-26
Package SOT223
PZTA42
Package Outline
A
6.5 0.2 3 0.1
4
1.60.1 0.1 MAX.
15 MAX.
B
3.5 0.2
1
2
3
7 0.3
0.7 0.1 4.6 0.25 M A
2.3
0.5 MIN.
0.28 0.04
0...10
Foot Print
0.25 M B
3.5
1.4
1.2 1.1
Marking Layout (Example)
Manufacturer
2005, 24 CW Date code (YYWW) BCP52-16 Type code
Pin 1
Packing
Reel o180 mm = 1.000 Pieces/Reel Reel o330 mm = 4.000 Pieces/Reel
1.4
4.8
8
0.3 MAX.
7.55 12
Pin 1
6.8
1.75
5
2007-04-26
PZTA42
Edition 2006-02-01 Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2007. All Rights Reserved.
Attention please! The information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office ( www.infineon.com). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
6
2007-04-26


▲Up To Search▲   

 
Price & Availability of PZTA42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X