Part Number Hot Search : 
SRF570 RS403 MEGA32 APTB16 RTC63421 V2383 0EP16 MV8U03
Product Description
Full Text Search
 

To Download PJSD24CW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJSD05CW SERIES
Single Line TVS Diode for ESD Protection in Portable Electronics
VOLTAGE
5 to 36 Volts
POWER
350 Watts
SOD-323
Unit: inch (mm)
FEATURES
* Transient protection for data lines to
.054(1.35) .045(1.15)
IEC 61000-4-2 (ESD) + 15kV (air),+ 8kV (contact) IEC 61000-4-5 (Lightning) 24A (8/20s) * Small package for use in portable electronics * Suitable replacement for MLV's in ESD protection applications
.078(1.95) .068(1.75)
.014(.35) .009(.25)
.006(.15)
* Low clamping voltage * Solid-state silicon avalanche technolngy * In compliance with EU RoHS 2002/95/EC directives
.107(2.7) .090(2.3)
MECHANICAL DATA
Case : SOD-323, Plastic Terminals : Solderable per MIL-STD-750, Method 2026 Approx. Weight: 0.0041 grams Marking Code :
P J S D 0 5 C W = E ZB P J S D 1 5 C W = E ZE P J S D 0 8 C W = E ZC P J S D 2 4 C W = E ZF P J S D 1 2 C W = E ZD P J S D 3 6 C W = E ZG
.012(.30)MIN.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
Peak Pulse Power (tP=8/20 s) Lead Soldering Temperature Operating Temperature Storage Temperature
SYMBOL PPK TL TJ TSTG
VALUE
350 260(10 sec.) -55 to +125 -55 to +150
UNITS
Watts
o
.002(.05)
* Protects one I/O or power line
.038(.95) .027(.70)
C C C
o
o
1
2
Fig.130
REV.0.2-APR.2.2009 PAGE . 1
PJSD05CW SERIES
ELECTRICAL CHARACTERISTICS
P JS D 0 5 C W Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage Clamping Voltage Junction Capacitance P JS D 1 2 C W Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage Clamping Voltage Junction Capacitance P JS D 1 5 C W Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage Clamping Voltage Junction Capacitance P JS D 2 4 C W Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage Clamping Voltage Junction Capacitance P JS D 3 6 C W Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage Clamping Voltage Junction Capacitance Symbol VRWM V BR IR VC VC CJ Conditions I t=1mA VRWM=36V, T=25 C I PP=1A, t p=8/20s I PP=3A, t p=8/20s VR=0V, f=1MHz
o
Symbol VRWM V BR IR VC VC CJ
Conditions I t=1mA VRWM=5V, T=25 C I PP=5A, t p=8/20s I PP=24A, t p=8/20s VR=0V, f=1MHz
o
Min. 6.37 -
Typical -
Max. 5 7.04 5 9.8 14.5 200
Units V V A V V pF
Symbol VRWM V BR IR VC VC CJ
Conditions I t=1mA VRWM=12V, T=25oC I PP=5A, t p=8/20s I PP=15A, t p=8/20s VR=0V, f=1MHz
Min. 13.3 -
Typical -
Max. 12 14.7 1 19 24 100
Units V V A V V pF
Symbol VRWM V BR IR VC VC CJ
Conditions I t=1mA VRWM=15V, T=25oC I PP=5A, t p=8/20s I PP=10A, t p=8/20s VR=0V, f=1MHz
Min. 16.72 -
Typical -
Max. 15 18.48 1 24 29 75
Units V V A V V pF
Symbol VRWM V BR IR VC VC CJ
Conditions I t=1mA VRWM=24V, T=25 C I PP=1A, t p=8/20s I PP=4A, t p=8/20s VR=0V, f=1MHz
o
Min. 26.6 -
Typical -
Max. 24 29.4 1 36 42 50
Units V V A V V pF
Min. 40.57 -
Typical -
Max. 36 44.84 1 58 71 45
Units V V A V V pF
REV.0.2-APR.2.2009
PAGE . 2
PJSD05CW SERIES
Peak Pulse Power-P PK(kW)
10 110 100 90 80 70 60 50 40 30 20 10 0
% of Rate d Pow er or I PP
1
0.1
0.01 0.1
1
10
100
1000
0
25
Pulse Duration-t P( m s)
75 100 125 o Ambient Temperature-T A( C)
50
150
FIG.1 Non-Repetitive Peak Pulse Power vs. Pulse Time
110 100 90 80 70 60 50 40 30 20 10 0 0 5 10 80
Clamping Voltage-V C (V)
FIG.2 Power Derating Curve
Waveform Parameters tr=8 m s,td=20 m s
70 60 50
40 30 20 15 10 5 0
Percen t of I PP
Waveform Parameters tr=8 m s,td=20 m s PJSD05CW
e -t td=Ipp/2
15
20
25
30
Time( m s) FIG.3 Pulse Waveform
80 70
Clamping Voltage-V C (V)
0
5
10
15
20
25
30
Peak Pulse Curent-I PP(A)
FIG.4 Clamping Voltage vs. Peak Pulse Current
60 50
40 30 20 15 10 5 0
Waveform Parameters tr=8 m s,td=20 m s PJSD36CW
0 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 Peak Pulse Curent-I PP(A)
FIG.5 Clamping Voltage vs. Peak Pulse Current
REV.0.2-APR.2.2009
PAGE . 3
PJSD05CW SERIES
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 5K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
REV.0.2-APR.2.2009
PAGE . 4


▲Up To Search▲   

 
Price & Availability of PJSD24CW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X