Part Number Hot Search : 
LT1461B F2040 12K32 W77E58 12K32 485CN 15700 SQ0565
Product Description
Full Text Search
 

To Download P600A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P600A THRU P600M
GENERAL PURPOSE PLASTIC RECTIFIER
VOLTAGE:50 TO 1000V CURRENT: 6.0A P600\R-6
FEATURE
Molded case feature for auto insertion High current capability Low leakage current High surge capability High temperature soldering guaranteed 250C/10sec/0.375"lead length at 5 lbs tension
MECHANICAL DATA
Terminal:Plated axial leads solderable per MIL-STD 202E, method 208C Case:Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity:color band denotes cathode Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
SYMBO L
P600A
P600B
P600D
P600G
P600J
P600K
P600M
units
* * *
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =63C Peak Forward Surge Current 8.3ms single Half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at rated forward current Maximum full load reverse current full cycle at TL =75C Maximum DC Reverse Current at rated DC blocking voltage Typical Junction Capacitance Typical Thermal Resistance Ta =25C Ta =100C (Note 1) (Note 2)
Vrrm Vrms Vdc If(av) Ifsm Vf Ir(av) Ir Cj R(ja) Tstg
50 35 50
100 70 100
200 140 200
400 280 400 6.0 400.0 1.1 50.0 10.0 100.0 150.0 10.0 -50 to +175
600 420 600
800 560 800
1000 700 1000
V V V A A V A A A pF
C/W
Storage and Operation Junction Temperature
C
Note: 1. Measured at 1.0 MHz and applied voltage of 4.0Vdc 2. Thermal Resistance from Junction to Ambient at 0.375"lead length, P.C. Board Mounted1
1
Rev.4
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES P600A THRU P600M
2
2
Rev.4
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of P600A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X