Part Number Hot Search : 
BC2I4 W27L01 1SS221 SPK1645 967AU 10330 CEM9936 HT23C512
Product Description
Full Text Search
 

To Download MBR1645PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20865 rev. A 04/06
MBR16..PbF Series
SCHOTTKY RECTIFIER 16 Amp
IF(AV) = 16Amp VR = 35-45V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 16 Apk, TJ = 125C
Description/ Features Units
A V A V C The MBR16..PbF Schottky rectifier has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150C TJ operation High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Values
16 35-45 1800 0.57 - 65 to 150
Case Styles
MBR16..PbF
Base Cathode
2
1
3
Cathode
Anode
TO-220AC
www.irf.com
1
MBR16..PbF Series
Bulletin PD-20865 rev. A 04/06
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) 35 45 VRWM Max. Working Peak Reverse Voltage (V)
MBR1635PbF
MBR1645PBF
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM Non-Repetitive Peak Surge Current
MBR16.. Units
16 1800 A 150 A
Conditions
@ TC = 134 C (Rated VR) Following any rated load 5s Sine or 3s Rect. pulse condition and with rated VRRM applied Surge applied at rated load condition halfwave single phase 60Hz TJ = 25 C, I AS = 3.6 Amps, L = 3.7 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
EAS IAR
Non-Repetitive Avalanche Energy Repetitive Avalanche Current
24 3.6
mJ A
Electrical Specifications
Parameters
VFM IRM CT LS Max. Forward Voltage Drop (1)
MBR16.. Units
0.63 0.57 0.2 40 1400 8.0 10000 V V mA mA pF nH V/ s @ 16A @ 16A
Conditions
TJ = 25 C TJ = 125 C Rated DC voltage
Max. Instantaneus Reverse Current (1) Max. Junction Capacitance Typical Series Inductance
TJ = 25 C TJ = 125 C
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
MBR16.. Units
-65 to 150 -65 to 175 1.50 0.50 2 (0.07) Min. Max. 6 (5) 12 (10) C C
Conditions
RthJC Max. Thermal Resistance Junction to Case RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Case Style Marking Device
C/W DC operation C/W Mounting surface, smooth and greased g (oz.) Kg-cm (Ibf-in) JEDEC
TO-220AC MBR1645
2
www.irf.com
MBR16..PbF Series
Bulletin PD-20865 rev. A 04/06
100
(mA)
100
Tj = 150C
10 1 0.1 0.01 0.001
125C 100C 75C 50C 25C
Instantaneous Forward Current - I
F
(A)
Reverse Current - I
R
0.0001
0 5 10 15 20 25 30 35 40 45
Reverse Voltage - VR (V) Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
10
10000
(pF)
Tj = 25C
Junction Capacitance - C
T
Tj = 150C Tj = 125C Tj = 25C
1000
1 0 0.2 0.4 0.6 0.8 1 1.2
Forward Voltage Drop - VFM (V) Fig. 1 - Maximum Forward Voltage Drop Characteristics
100 0 10 20 30 40 50
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
(C/W)
10
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
thJC
1
Thermal Impedance Z
PDM
0.1
Single Pulse (Thermal Resistance)
t1 t2
0.01
Notes: 1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc
0.001 0.00001
0.0001 0.001 0.01 0.1 1 t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
10
www.irf.com
3
MBR16..PbF Series
Bulletin PD-20865 rev. A 04/06
155
Allowable Case Temperature (C) Average Power Loss (Watts)
15
150 145
DC
10
RMS Limit
DC
140 135 130 Square wave (D = 0.50) Rated Vr applied 125 see note (2) 120 0 5 10 15
Average Forward Current - I
5
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
0
20
(A) F(AV)
25
0
5
10
15
20
(A) F(AV)
25
Average Forward Current - I
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
(A)
10000
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
Non-Repetitive Surge Current - I
FSM
1000
100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec) Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-S PEED S CH WIT FREE-WHEEL DIODE 40HF L40S 02
+
DUT
IR P460 F R = 25 ohm g
Vd = 25 Volt
CURRENT MONIT OR
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = V R1 x IR (1 - D); IR @ VR1 = rated VR applied
4
www.irf.com
MBR16..PbF Series
Bulletin PD-20865 rev. A 04/06
Outline Table
Conform to JEDEC outline TO-220AC
Part Marking Information
IRXC Assembly Line - SubCon Assembly Line EXAMPLE: THIS IS A MBR1645 LOT CODE 1789 ASSEMBLED ON WW 19, 2001 IN THE ASSEMBLY LINE "C" INTERNATIONAL RECTIFIER LOGO DATE CODE ASSEMBLY LOT CODE P = LEAD-FREE YEAR 1 = 2001 WEEK 19 LINE C PART NUMBER
IRMX Assembly Line EXAMPLE: THIS IS A MBR1645 LOT CODE 1789 ASSEMBLED ON WW 19, 2001 IN THE ASSEMBLY LINE "C" INTERNATIONAL RECTIFIER LOGO
PART NUMBER
DATE CODE ASSEMBLY LOT CODE YEAR 1 = 2001 WEEK 19 P = LEAD-FREE
www.irf.com
5
MBR16..PbF Series
Bulletin PD-20865 rev. A 04/06
Ordering Information Table
Device Code
MBR
1
16
2
45
3
PbF
4
1 2 3 4
-
Schottky MBR Series Currrent Rating (16 = 16A) Voltage Ratings none = Standard Production PbF = Lead-Free 35 = 35V 45 = 45V
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 04/06
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of MBR1645PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X