Part Number Hot Search : 
PM5FDXX 133BZ 1N5340BG 02527 C3629 PR33MF51 85102 AN1257
Product Description
Full Text Search
 

To Download KBL400G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBL400G - KBL410G
PRV : 50 - 1000 Volts Io : 4.0 Amperes
FEATURES :
* * * * * * * * Glass passivated chip High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Ideal for printed circuit board Pb / RoHS Free
GLASS PASSIVATED BRIDGE RECTIFIERS
KBL
0.77 (19.56) 0.73 (18.54)
0.825 (20.95) 0.605 (15.36)
+
AC AC
1.1 (27.94) MIN.
1.0 (25.4) MIN.
MECHANICAL DATA :
* Case : Molded plastic * Epoxy : UL94V-O rate flame retardant * Terminals : Plated lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Any * Weight : 5.15 grams
0.085 (2.16) 0.065 (1.65) 0.200 (5.08) 0.190 (4.82)
0.052 (1.32) 0.048 (1.22)
0.265 (6.73 ) 0.235 (5.97)
Dimensions in inches and ( millimeter )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Ta=50C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Forward Voltage per Diode at IF = 4 A Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 25 C Ta = 100 C
SYMBOL VRRM VRMS VDC IF(AV) IFSM VF IR IR(H) RJA TJ TSTG
KBL KBL KBL KBL KBL KBL KBL 400G 401G 402G 404G 406G 408G 410G 50 35 50 100 70 100 200 140 200 400 280 400 4.0 150 1.1 10 1.0 19 - 50 to + 150 - 50 to + 150 600 420 600 800 560 800 1000 700 1000
UNIT V V V A A V A mA C/W C C
Typical Thermal Resistance ( Note 1 ) Operating Junction Temperature Range Storage Temperature Range
Note :
1 ) Thermal resistance from Junction to Ambient with units mounted on a 3" X 3" X 0.11" THK ( 7.5cm X 7.5cm X 0.3cm ) Cu. plate.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( KBL400G - KBL410G )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
4.0 200 Mounted on 3" X 3" X 0.11" THK ( 7.5cm X 7.5cm X 0.3cm ) Cu. plate. 175 150 125 100 75 50 25 0 0 25 50 75 100 125 150 175
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
3.0
2.0
1.0 60 Hz, Resistive or inductive load. 0
PEAK FORWARD SURGE CURRENT, AMPERES
8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD 1 2 4 6 10 20 40 60 100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100 Pulse Width = 300 s 1 % Duty Cycle
FIG.4 - TYPICAL REVERSE CHARACTERISTICS REVERSE CURRENT, MICROAMPERES
100
FORWARD CURRENT, AMPERES
TJ = 125 C
10
10
1.0
1
TJ = 25 C
TJ = 25 C
0.1
0.1 0 20 40 60 80 100 120 140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 06 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of KBL400G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X