Part Number Hot Search : 
IR2010 M1000 2SC5505 AD836 500000 UZ13BSB TC4584BF B25667
Product Description
Full Text Search
 

To Download ISL281301012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130, ISL28230, ISL28430
The ISL28130, ISL28230 and ISL28430 are single, dual and quad micropower, low offset drift operational amplifiers that are optimized for single and dual supply operation from 1.65V to 5.5V and 0.825V to 2.75V. Their low supply current of 20A and rail-to-rail input range enable the ISL28130, ISL28230, ISL28430 to be an excellent general purpose op amp for a range of applications. The ISL28130, ISL28230 and ISL28430 are ideal for handheld devices that operate off 2 AA or single Li-ion batteries. The ISL28130 is available in industry standard pinouts for 5 Ld SOT-23, 5 Ld SC70 and 8 Ld SOIC packages. The ISL28230 is available in industry standard pinouts for 8 Ld MSOP, 8Ld SOIC and 8 Ld DFN packages. The ISL28430 is available in 14 Ld TSSOP and 14 Ld SOIC packages. All devices operate over the temperature range of -40C to +125C.
Features
* Low Input Offset Voltage . . . . . . . . . . . . . . . . . . . . . 40V, Max. * Low Offset Drift . . . . . . . . . . . . . . . . . . . . . . . . 150nV/C, Max * Input Bias Current . . . . . . . . . . . . . . . . . . . . . . . . 250 pA, Max. * Quiescent Current (Per Amplifier) . . . . . . . . . . . . . .20A, Typ. * Single Supply Range . . . . . . . . . . . . . . . . . . . +1.65V to +5.5V * Dual Supply Range. . . . . . . . . . . . . . . . . . . 0.825V to 2.75V * Low Noise (0.01Hz to 10Hz) . . . . . . . . . . . . . . . . . 1.1VP-P, Typ. * Rail-to-Rail Inputs and Output
Applications
* Bi-Directional Current Sense * Temperature Measurement * Medical Equipment * Electronic Weigh Scales * Precision/Strain Gauge Sensor * Precision Regulation * Low Ohmic Current Sense * High Gain Analog Front Ends
I-SENSE+
V+ +1.65V TO +5.5V INPUT BIAS CURRENT (pA) VREF 4.99k + V+ 499k VSENSE OUT 499k
400
300
200 VS = 2.5V 100 VS = 0.825V
0.1 4.99k
-
V-
0
GND I-SENSEBI-DIRECTIONAL CURRENT SENSE AMPLIFIER
-100 -50 -25 0 25 50 75 TEMPERATURE (C) 100 125
FIGURE 1. TYPICAL APPLICATION DIAGRAM
FIGURE 2. IB vs TEMPERATURE
December 16, 2010 FN7623.1
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 |Copyright Intersil Americas Inc. 2010. All Rights Reserved Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries. All other trademarks mentioned are the property of their respective owners.
ISL28130, ISL28230, ISL28430 Ordering Information
PART NUMBER (Notes 1, 2, 3) ISL28130CHZ-T7 ISL28130CHZ-T7A Coming Soon ISL28130FHZ ISL28130CEZ-T7 ISL28130CEZ-T7A Coming Soon ISL28130FEZ Coming Soon ISL28130CBZ Coming Soon ISL28130FBZ ISL28230CUZ Coming Soon ISL28230FUZ ISL28230CBZ Coming Soon ISL28230FBZ ISL28230CRZ Coming Soon ISL28230FRZ ISL28430CBZ Coming Soon ISL28430FBZ ISL28430CVZ Coming Soon ISL28430FVZ NOTES: 1. Add "-T*" suffix for tape and reel. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28130, ISL28230, ISL28430. For more information on MSL please see techbrief TB363. 4. The part marking is located on the bottom of the part. PART MARKING BDPA (Note 4) BDPA (Note 4) TBD BLA (Note 4) BLA (Note 4) TBD 28130 CBZ TBD 8230Z TBD 28230 CBZ TBD 230Z TBD 28430 CBZ TBD 28430 CVZ TBD TEMP RANGE (C) 0 to +70 0 to +70 -40 to +125 0 to +70 0 to +70 -40 to +125 0 to +70 -40 to +125 0 to +70 -40 to +125 0 to +70 -40 to +125 0 to +70 -40 to +125 0 to +70 -40 to +125 0 to +70 -40 to +125 PACKAGE (Pb-Free) 5 Ld SOT-23 5 Ld SOT-23 5 Ld SOT-23 5 Ld SC70 5 Ld SC70 5 Ld SC70 8 Ld SOIC 8 Ld SOIC 8 Ld MSOP 8 Ld MSOP 8 Ld SOIC 8 Ld SOIC 8 Ld 3x3mm DFN 8 Ld 3x3mm DFN 14 Ld SOIC 14 Ld SOIC 14 Ld TSSOP 14 Ld TSSOP P5.064A P5.064A P5.064A P5.049 P5.049 P5.049 M8.15E M8.15E M8.118A M8.118A M8.15E M8.15E L8.3x3J L8.3x3J MDP0027 MDP0027 MDP0044 MDP0044 PKG. DWG. #
2
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430 Pin Configurations
ISL28130 (5 LD SOT-23) TOP VIEW
OUT 1 V- 2 IN+ 3 +4 IN5 V+ NC 1 IN- 2 IN+ 3 V- 4 -+
ISL28130 (8 LD SOIC) TOP VIEW
8 NC 7 V+ 6 OUT 5 NC
ISL28130 (5 LD SC70) TOP VIEW
IN+ 1 V- 2 IN- 3 + 4 OUT 5 V+
ISL28230 (8 LD MSOP, SOIC) TOP VIEW
OUT_A 1 IN-_A 2 IN+_A 3 V- 4 -+ +8 V+ 7 OUT_B 6 IN-_B 5 IN+_B
ISL28230 (8 LD DFN) TOP VIEW
ISL28430 (14 LD TSSOP, SOIC) TOP VIEW
OUT_A 1 OUT_A IN-_A IN+_A V1 2 3 4 8 V+ 7 OUT_B 6 IN-_B 5 IN+_B IN-_A 2 IN+_A 3 V+ 4 IN+_B 5 IN-_B 6 OUT_B 7 -+ +-+ +-
14 OUT_D 13 IN-_D 12 IN+_D 11 V10 IN+_C 9 8 IN-_C OUT_C
Pin Descriptions
ISL28130 (5 Ld SOT23) 3 ISL28130 (8 Ld SOIC) 3 ISL28130 (5 LD SC70) 1 PIN NAME IN+ FUNCTION Non-inverting input
IN-
EQUIVALENT CIRCUIT
V+ +
IN+ VCircuit 1
2 4
4 2
2 3
VIN-
Negative supply Inverting input (See "Circuit 1")
3
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430 Pin Descriptions (Continued)
ISL28130 (5 Ld SOT23) 1 ISL28130 (8 Ld SOIC) 6 ISL28130 (5 LD SC70) 4 PIN NAME OUT FUNCTION Output EQUIVALENT CIRCUIT
V+
OUT
VCircuit 2
5
7 1, 5, 8
5
V+ NC
Positive supply Not Connected - This pin is not electrically connected internally.
Pin Descriptions
ISL28230 (8 Ld MSOP, SOIC, ISL28430 DFN) (14 Ld TSSOP, SOIC) 3 5 3 5 10 12 PIN NAME IN+_A IN+_B IN+_C IN+_D
IN-
FUNCTION Non-inverting input
EQUIVALENT CIRCUIT
V+ +
IN+ VCircuit 1
4 2 6 1 7 -
11 2 6 9 13 1 7 8 14
VIN-_A IN-_B IN-_C IN-_D OUT_A OUT_B OUT_C OUT_D
Negative supply Inverting input (See Circuit 1)
Output
V+
OUT
VCircuit 2
8 PD
4 -
V+ Paddle
Positive supply Thermal Pad. Connect to most negative supply. DFN packages only.
4
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430
Absolute Maximum Ratings
Max Supply Voltage V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.5V Max Voltage VIN to GND . . . . . . . . . . . . . . . . . . . . (V- - 0.3V) to (V+ + 0.3V)V Max Input Differential Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V Max Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA Max Voltage VOUT to GND (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3.0V ESD Tolerance (ISL28130) Human Body Model (Tested at JESD22-A114F) . . . . . . . . . . . . . . . 3000V Machine Model (Tested at JESD22-A115B) . . . . . . . . . . . . . . . . . . . 200V Charged Device Model (Tested at JESD22-C110D) . . . . . . . . . . . . 1500V ESD Tolerance (ISL28230, ISL28430) Human Body Model (Tested at JESD22-A114F) . . . . . . . . . . . . . . . 4000V Machine Model (Tested at JESD22-A115B) . . . . . . . . . . . . . . . . . . . 400V Charged Device Model (Tested at JESD22-C110D) . . . . . . . . . . . . 2000V Latch-Up Passed Per JESD78B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125C
Thermal Information
Thermal Resistance (Typical) JA (C/W) JC (C/W) 5 Ld SOT-23 (Notes 5, 7) . . . . . . . . . . . . . . . . . 225 110 5 Ld SC70 (Notes 5, 7). . . . . . . . . . . . . . . . . . . 206 146 8 Ld SOIC (ISL28130) (Notes 5, 7) . . . . . . . . . 135 95 8 Ld MSOP (Notes 5, 7) . . . . . . . . . . . . . . . . . . 180 65 8 Ld SOIC (ISL28230) (Notes 5, 7) . . . . . . . . . 125 90 8 Ld DFN (Notes 6, 8). . . . . . . . . . . . . . . . . . . . 53 12 14 Ld TSSOP (Notes 5, 7) . . . . . . . . . . . . . . . . 110 40 14 Ld SOIC (Notes 5, 7) . . . . . . . . . . . . . . . . . . 75 47 Maximum Storage Temperature Range . . . . . . . . . . . . . .-65C to +150C Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range: Full Grade Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40C to +125C Commercial Grade Devices. . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to +70C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 5. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 6. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 7. For JC, the "case temp" location is taken at the package top center. 8. For JC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications
V+ = 5V, V- = 0V, VCM = 2.5V, TA = +25C, RL = 10k, unless otherwise specified. Boldface limits apply over the operating temperature range, -40C to +125C. MIN DESCRIPTION CONDITIONS
PARAMETER
(Note 9)
TYP
MAX (Note 9)
UNIT
DC SPECIFICATIONS
VOS Input Offset Voltage Vs = 1.65V to 5.5V -40 -46.8 TCVOS IOS TCIOS IB Input Offset Voltage Temperature Coefficient Input Offset Current Input Offset Current Temperature Coefficient Input Bias Current T = 0C to +70C -150 -250 -700 Common Mode Input Voltage Range CMRR Common Mode Rejection Ratio Guaranteed by CMRR VCM = -0.1V to 5.1V -0.1 110 105 PSRR Power Supply Rejection Ratio Vs = 2.0V to 5.5V 105 105 VOH VOL AOL V+ Output Voltage Swing, High Output Voltage Swing, Low Open Loop Gain Supply Voltage RL = 1M 4.950 1.65 5 20 -60 0.11 125 138 4.981 18 150 40 46.8 150 250 700 5.1 50 5.5 V V nV/C pA pA/C pA pA V dB dB dB dB V mV dB V
Guaranteed by VOS
5
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430
Electrical Specifications
V+ = 5V, V- = 0V, VCM = 2.5V, TA = +25C, RL = 10k, unless otherwise specified. Boldface limits apply over the operating temperature range, -40C to +125C. (Continued) MIN PARAMETER IS DESCRIPTION Supply Current, Per Amplifier CONDITIONS RL = OPEN MAX (Note 9) 25 35 -
(Note 9)
-
TYP 20 15 -15
UNIT A A mA mA
ISC+ ISC-
Output Source Short Circuit Current Output Sink Short Circuit Current
RL = Short VRL = Short V+
-
AC SPECIFICATIONS
GBWP eN VP-P eN iN Gain Bandwidth Product Peak-to-Peak Input Noise Voltage Input Noise Voltage Density Input Noise Current Density AV = 100, RF = 100k, RG = 1k, RL = 10k to VCM f = 0.01Hz to 10Hz f = 1kHz f = 1kHz f = 10Hz Cin Differential Input Capacitance Common Mode Input Capacitance f = 1MHz 400 1.1 65 72 80 1.6 1.12 kHz VP-P nV/(Hz) fA/(Hz) fA/(Hz) pF pF
TRANSIENT RESPONSE
SR Positive Slew Rate Negative Slew Rate tr, tf, Small Signal Rise Time, tr 10% to 90% Fall Time, tf 10% to 90% tr, tf Large Signal Rise Time, tr 10% to 90% Fall Time, tf 10% to 90% ts trecover Settling Time to 0.1%, 2VP-P Step Output Overload Recovery Time, Recovery to 90% of Output Saturation AV = +1, VOUT = 0.1VP-P, RF = 0, RL = 10k, CL = 1.2pF AV = +1, VOUT = 2VP-P, RF = 0, RL = 10k, CL = 1.2pF AV = +1, RF = 0, RL = 10k, CL VOUT = 1V to 4V, RL = 10k 0.2 0.1 1.1 1.1 20 30 35 10.5 V/s V/s s s s s s s
= 1.2pF
AV = +2, RF = 10k, RL = Open, CL = 3.7pF
NOTE: 9. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
6
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430 Typical Performance Curves
n
V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open, T = +25C, unless otherwise specified.
400 INPUT BIAS CURRENT (pA)
400 INPUT BIAS CURRENT (pA)
300
300
200
VS = 2.5V VS = 0.825V
200 VS = 2.5V 100 VS = 0.825V
100
0
0
-100 -50
-25
0
25
50
75
100
125
-100 -50
-25
0
25
50
75
100
125
TEMPERATURE (C)
TEMPERATURE (C)
FIGURE 3. IB+ vs TEMPERATURE
FIGURE 4. IB- vs TEMPERATURE
40 SUPPLY CURRENT (A) SUPPLY CURRENT (A) 35 30 25 20 15 10 -50 PER AMPLIFIER
40 35 30 25 20 15 10 -50 PER AMPLIFIER
-25
0
25
50
75
100
125
-25
0
25
50
75
100
125
TEMPERATURE (C)
TEMPERATURE (C)
FIGURE 5. SUPPLY CURRENT vs TEMPERATURE, Vs = 0.825V
FIGURE 6. SUPPLY CURRENT vs TEMPERATURE, Vs = 2.5V
OPEN LOOP GAIN (dB)/PHASE ()
21
200 150 100 50 0 -50 RL = 10M CL = 100pF SIMULATION GAIN PHASE
SUPPLY CURRENT (A)
20
19
18 VIN = 0V RL = OPEN
17
16 1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
-100 0.1m 1m 10m 100m 1 10 100 1k 10k 100k 1M 10M FREQUENCY (Hz)
FIGURE 7. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 8. FREQUENCY RESPONSE vs OPEN LOOP GAIN, RL = 10M
7
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430 Typical Performance Curves
1 0 NORMALIZED GAIN (dB) -1 -2 -3 -4 -5 -6 -7 -8 -9 100 VS = 0.8V CL = 3.7pF AV = +1 VOUT = 10mVP-P 1k 10k 100k FREQUENCY (Hz) 1M 10M RL = 1k RL = 10k RL = 49.9k RL = 100k RL = OPEN NORMALIZED GAIN (dB)
V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open, T = +25C, unless otherwise specified. (Continued)
1 0 -1 -2 -3 -4 -5 -6 -7 -8 VS = 2.5V CL = 3.7pF AV = +1 VOUT = 10mVP-P 1k 10k 100k FREQUENCY (Hz) 1M 10M RL = 49.9k RL = 1k RL = 10k RL = OPEN RL = 100k
-9 100
FIGURE 9. GAIN vs FREQUENCY vs RL, VS = 0.8V
FIGURE 10. GAIN vs FREQUENCY vs RL, VS = 2.5V
10 9 8 7 GAIN (dB) 6 5 4 3 2 1 VS = 2.5V RL = 100k CL = 3.7pF AV = +2 VOUT = 10mVP-P 1k 10k 100k FREQUENCY (Hz) NORMALIZED GAIN (dB) Rf = Rg = 1k Rf = Rg = 10k
1 0 -1 -2 -3 -4 -5 -6 -7 -8 1M 10M -9 100 1k VOUT = 500mV VOUT = 250mV VOUT = 100mV VOUT = 10mV 10k 100k FREQUENCY (Hz) VS = 2.5V RL = OPEN CL = 3.7pF AV = 1 1M 10M VOUT = 1V
Rf = Rg = 100k
0 100
FIGURE 11. GAIN vs FREQUENCY vs FEEDBACK RESISTOR VALUES Rf/Rg
FIGURE 12. GAIN vs FREQUENCY vs VOUT
70 NORMALIZED GAIN (dB) 60 50 GAIN (dB) 40 30 20 10 0 AV = 1 Rg = OPEN, Rf = 0 100 1k 10k 100k FREQUENCY (Hz) 1M 10M AV = 10 Rg = 10k, Rf = 100k AV = 100 Rg = 1k, Rf = 100k V+ = 5V CL = 3.7pF RL = 100k VOUT = 10mVP-P AV = 1000 Rg = 100, Rf = 100k
1 0 -1 -2 -3 -4 -5 -6 -7 -8 VS = 0.7V VS = 0.8V VS= 1.5V VS = 2.75V RL = 100k CL = 3.7pF AV = +1 VOUT = 10mVP-P 1k 10k 100k FREQUENCY (Hz) 1M 10M
-10 10
-9 100
FIGURE 13. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
FIGURE 14. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
8
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430 Typical Performance Curves
8 NORMALIZED GAIN (dB) 6 4 2 0 -2 -4 CL = 104pF CL = 51pF CL = 3.7pF CL = 824pF CL = 474pF CL = 224pF SIGNAL (V)
V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open, T = +25C, unless otherwise specified. (Continued)
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 RL = 100k CL = 3.7pF AV = 1 VOUT = 4VP-P 0 50 100 150 200 250 TIME (s) 300 350 400
VS = 2.5V -6 R = 100k L -8 AV = +1 VOUT = 10mVP-P -10 100 1k
10k
100k
1M
10M
0
FREQUENCY (Hz)
FIGURE 15. GAIN vs FREQUENCY vs CL
FIGURE 16. LARGE SIGNAL STEP RESPONSE (4V)
1.2 1.0 SIGNAL (V) 0.8 0.6 0.4 0.2 0 RL = 100k CL = 3.7pF AV = 1 VOUT = 1VP-P
0.14 0.12 0.10 SIGNAL (V) 0.08 0.06 0.04 0.02 0 10 20 30 40 50 60 TIME (s) 70 80 90 100 0 0 5 10 15 20 25 TIME (s) 30 35 40 RL = 100k CL = 3.7pF AV = 1 VOUT = 100mVP-P
FIGURE 17. LARGE SIGNAL STEP RESPONSE (1V)
FIGURE 18. SMALL SIGNAL STEP RESPONSE (100mV)
5.000 4.995 VOH (V) 4.990 4.985 4.980
VS = 5V RL = 10k VOL (mV)
40 35 30 25 20
VS = 5V RL = 10k
4.975 -50
-25
0
25
50
75
100
125
15 -50
-25
0
25
50
75
100
125
TEMPERATURE (C)
TEMPERATURE (C)
FIGURE 19. VOH vs TEMPERATURE
FIGURE 20. VOL vs TEMPERATURE
9
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430 Typical Performance Curves
-20 -40 CROSSTALK (dB) -60 -80 -100 -120 -140 1k Vs = 0.8V RL = OPEN CL = 3.7pF AV = 1 VOUT = 1VP-P
V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open, T = +25C, unless otherwise specified. (Continued)
-20 -40 CROSSTALK (dB) -60 -80 -100 -120 Vs = 2.5V RL = OPEN CL = 3.7pF AV = 1 VOUT = 1VP-P
10k
100k
1M
-140 1k
10k
100k
1M
FREQUENCY (Hz)
FREQUENCY (Hz)
FIGURE 21. CROSSTALK vs FREQUENCY, V S = 0.8V
FIGURE 22. CROSSTALK vs FREQUENCY, VS = 2.5V
10
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430 Applications Information
Functional Description
The ISL28130, ISL28230 and ISL28430 are low offset low drift operational amplifiers with a very high open loop gain (150dB) and rail-to-rail input/output. The ISL28130, ISL28230 and ISL28430 operate on a single supply range of 1.65V to 5.5V or dual supply range of 0.825V to 2.75V while consuming only 20A of supply current per channel. The ISL28130, ISL28230 and ISL28430 has a 400kHz gain-bandwidth. The high open loop gain, low offset voltage, high bandwidth and low 1/f noise make the ISL28130, ISL28230 and ISL28430 ideal for precision applications.
Layout Guidelines for High Impedance Inputs
To achieve the maximum performance of the high input impedance and low offset voltage of the ISL28130, ISL28230 and ISL28430 amplifiers, care should be taken in the circuit board layout. The PC board surface must remain clean and free of moisture to avoid leakage currents between adjacent traces. Surface coating of the circuit board will reduce surface moisture and provide a humidity barrier, reducing parasitic resistance on the board.
High Gain, Precision DC-Coupled Amplifier
The circuit in Figure 24 implements a single-stage DC-coupled amplifier with an input DC sensitivity of under 100nV that is only possible using a low VOS amplifier with high open loop gain. High gain DC amplifiers operating from low voltage supplies are not practical using typical low offset precision op amps. For example, a typical precision amplifier in a gain of 10kV/V with a 100V VOS and offset drift 0.5V/C of a low offset op amp would produce a DC error of >1V with an additional 5mV/C of temperature dependent error making it difficult to resolve DC input voltage changes in the mV range. The 40V max VOS and 150nV/C of temperature drift of the ISL28130, ISL28230, ISL28430 produces a temperature stable maximum DC output error of only 400mV with a maximum output temperature drift of 1.5mV/C. The additional benefit of a very low 1/f noise corner frequency and some feedback filtering enables DC voltages and voltage fluctuations well below 10V to be easily detected with a simple single stage amplifier.
CF 0.018F 1M, +2.5V VOUT RL -2.5V ACL = 10kV/V
Rail-to-rail Input and Output (RRIO)
The RRIO CMOS amplifier uses parallel input PMOS and NMOS that enable the inputs to swing 100mV beyond either supply rail. The inverting and non-inverting inputs do not have back-to-back input clamp diodes and are capable of maintaining high input impedance at high differential input voltages. This is effective in eliminating output distortion caused by high slew-rate input signals. The output stage uses common source connected PMOS and NMOS devices to achieve rail-to-rail output drive capability with 15mA current limit and the capability to swing to within 50mV of either rail while driving a 10k load.
IN+ and IN- Protection
All input terminals have internal ESD protection diodes to both positive and negative supply rails, limiting the input voltage to within one diode beyond the supply rails. For applications where either input is expected to exceed the rails by 0.5V, an external series resistor must be used to ensure the input currents never exceed 20mA (see Figure 23).
VIN RIN + RL
VIN VOUT
100 1M
+ 100
FIGURE 23. INPUT CURRENT LIMITING
FIGURE 24. HIGH GAIN, PRECISION DC-COUPLED AMPLIFIER
11
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430 Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you have the latest revision.
DATE 12/7/10 12/3/10 12/2/10 REVISION FN7623.1 CHANGE Corrected Thermals for DFN package in "Tja from 125 to 53, "Tjc from 90 to 12" Removed Part Markings from Full temp grade parts and changed to TBD until availability is validated. --Updated copyright to legal's suggested verbiage on page 1. -Updated front page text to add DFN packaging and extended temp range -40C to +125C -Removed previous Ib vs Temp plot and added new -40C to +125C Ib vs Temp plot on front page. -Updated ordering information table by adding a full temp range option to all parts and temp range column. Also added in DFN part to ordering table. All full temp parts are stamped Coming Soon. Parts ISL28130CHZ-T7, ISL28130CHZ-T7A and ISL28130CEZ-T7, ISL28130CEZ-T7A shown they are Tape and reel only parts. -Added in DFN package to Pin Configurations table. -Added in -40C to +125C temp range under Operating Conditions page 5. -Added the testing standards performance information to the ESD ratings in Abs Max Table -Added new Input Bias Current Ib spec of 700pA MIN/MAX in Electrical Spec table for -40C to +125C temp range -Revised Note 9 for Electrical Spec table as: "Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design." -Updated all curves in the datasheet with 0C to +70C temp range to -40C to +125C temp range. -Added DFN package L8.3x3J outline drawing to the end of datasheet. On page 6 changed "Supply Current, Per Amplifier" from a typical of 18A to 20A to comply with front page. FN7623.0 Initial Release
10/19/10 8/17/10
Products
Intersil Corporation is a leader in the design and manufacture of high-performance analog semiconductors. The Company's products address some of the industry's fastest growing markets, such as, flat panel displays, cell phones, handheld products, and notebooks. Intersil's product families address power management and analog signal processing functions. Go to www.intersil.com/products for a complete list of Intersil product families. *For a complete listing of Applications, Related Documentation and Related Parts, please see the respective device information page on intersil.com: ISL28130, ISL28230 , ISL28430. To report errors or suggestions for this datasheet, please go to www.intersil.com/askourstaff FITs are available from our website at http://rel.intersil.com/reports/search.php
For additional products, see www.intersil.com/product_tree Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted in the quality certifications found at www.intersil.com/design/quality Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see www.intersil.com
12
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430
Small Outline Transistor Plastic Packages (SC70-5)
D
e1
VIEW C
P5.049
5 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE INCHES MILLIMETERS MIN 0.80 0.00 0.80 0.15 0.15 0.08 0.08 1.85 1.80 1.15 MAX 1.10 0.10 1.00 0.30 0.25 0.22 0.20 2.15 2.40 1.35 6 6 3 3 4 NOTES SYMBOL A MIN 0.031 0.000 0.031 0.006 0.006 0.003 0.003 0.073 0.071 0.045 MAX 0.043 0.004 0.039 0.012 0.010 0.009 0.009 0.085 0.094 0.053
5 E 1 2 3
4 C L C L E1
A1 A2 b
e
C L 0.20 (0.008) M C L C
b1
b
c c1
C
D E E1
A
A2
A1
SEATING PLANE -C-
e e1 L L1
0.0256 Ref 0.0512 Ref 0.010 0.018
0.65 Ref 1.30 Ref 0.26 0.46
0.017 Ref. 0.006 BSC 0o 5 0.004 0.004 0.010 8o
0.420 Ref. 0.15 BSC 0o 5 0.10 0.15 0.25 8o
0.10 (0.004) C
L2
WITH PLATING c BASE METAL b b1 c1
5
N R R1 NOTES:
Rev. 3 7/07 1. Dimensioning and tolerances per ASME Y14.5M-1994. 2. Package conforms to EIAJ SC70 and JEDEC MO-203AA. 3. Dimensions D and E1 are exclusive of mold flash, protrusions, or gate burrs.
R1 R GAUGE PLANE SEATING PLANE L C 4X 1 VIEW C 0.4mm L1
4X 1
4. Footlength L measured at reference to gauge plane. 5. "N" is the number of terminal positions. 6. These Dimensions apply to the flat section of the lead between 0.08mm and 0.15mm from the lead tip. 7. Controlling dimension: MILLIMETER. Converted inch dimensions are for reference only.
L2
0.75mm
2.1mm
0.65mm TYPICAL RECOMMENDED LAND PATTERN
13
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430
Package Outline Drawing
P5.064A
5 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE Rev 0, 2/10
1.90 D A 5 4 0.08-0.20 0-3
PIN 1 INDEX AREA 2.80 3 1.60 3 0.15 C D 2x 2 0.95 SEE DETAIL X B 0.40 0.05 3 END VIEW 5 (0.60)
0.20 C 2x
0.20 M C A-B D TOP VIEW 10 TYP (2 PLCS)
2.90
5
0.15 C A-B 2x 1.45 MAX C 1.14 0.15 0.10 C SEATING PLANE
H
(0.25) GAUGE PLANE
SIDE VIEW
0.450.1 0.05-0.15 DETAIL "X" (0.60)
4
(1.20) NOTES: 1. (2.40) 2. 3. 4. 5. 6. (0.95) (1.90) TYPICAL RECOMMENDED LAND PATTERN Dimensions are in millimeters. Dimensions in ( ) for Reference Only. Dimensioning and tolerancing conform to ASME Y14.5M-1994. Dimension is exclusive of mold flash, protrusions or gate burrs. Foot length is measured at reference to guage plane. This dimension is measured at Datum "H". Package conforms to JEDEC MO-178AA.
14
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430
Package Outline Drawing M8.118A
8 LEAD MINI SMALL OUTLINE PLASTIC PACKAGE (MSOP) Rev 0, 9/09
A 3.00.1 8 0.25 CAB
3.00.1
4.90.15
DETAIL "X"
1.10 Max PIN# 1 ID 1 2 0.65 BSC TOP VIEW B SIDE VIEW 2
0.18 0.05
0.95 BSC
0.860.09 H C SEATING PLANE 0.33 +0.07/ -0.08 0.08 C A B SIDE VIEW 1 0.10 0.05 0.10 C
GAUGE PLANE
0.25
33 0.55 0.15 DETAIL "X"
5.80 4.40 3.00
NOTES: 1. 2. 3. Dimensions are in millimeters. Dimensioning and tolerancing conform to JEDEC MO-187-AA and AMSE Y14.5m-1994. Plastic or metal protrusions of 0.15mm max per side are not included. Plastic interlead protrusions of 0.25mm max per side are not included. Dimensions "D" and "E1" are measured at Datum Plane "H". This replaces existing drawing # MDP0043 MSOP 8L.
0.65 0.40 1.40 TYPICAL RECOMMENDED LAND PATTERN 5. 6. 4.
15
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430
Thin Shrink Small Outline Package Family (TSSOP)
0.25 M C A B D N (N/2)+1 A
MDP0044
THIN SHRINK SMALL OUTLINE PACKAGE FAMILY MILLIMETERS SYMBOL 14 LD 16 LD 20 LD 24 LD 28 LD TOLERANCE A A1 A2
0.20 C B A
PIN #1 I.D. E E1
1.20 0.10 0.90 0.25 0.15 5.00 6.40 4.40 0.65 0.60 1.00
1.20 0.10 0.90 0.25 0.15 5.00 6.40 4.40 0.65 0.60 1.00
1.20 0.10 0.90 0.25 0.15 6.50 6.40 4.40 0.65 0.60 1.00
1.20 0.10 0.90 0.25 0.15 7.80 6.40 4.40 0.65 0.60 1.00
1.20 0.10 0.90 0.25 0.15 9.70 6.40 4.40 0.65 0.60 1.00
Max 0.05 0.05 +0.05/-0.06 +0.05/-0.06 0.10 Basic 0.10 Basic 0.15 Reference Rev. F 2/07
1 B TOP VIEW
(N/2)
2X N/2 LEAD TIPS
b c D E E1
C SEATING PLANE
e
0.05
H
e L L1
b 0.10 C N LEADS SIDE VIEW
0.10 M C A B
NOTES: 1. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall not exceed 0.15mm per side. 2. Dimension "E1" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm per side. 3. Dimensions "D" and "E1" are measured at dAtum Plane H. 4. Dimensioning and tolerancing per ASME Y14.5M-1994.
SEE DETAIL "X"
c
END VIEW
L1
A
A2 GAUGE PLANE 0.25 A1 DETAIL X L 0 - 8
16
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430
Small Outline Package Family (SO)
A D N (N/2)+1 h X 45
A E E1 PIN #1 I.D. MARK c SEE DETAIL "X"
1 B
(N/2) L1
0.010 M C A B e C H A2 GAUGE PLANE A1 0.004 C 0.010 M C A B b DETAIL X
SEATING PLANE L 4 4
0.010
MDP0027
SMALL OUTLINE PACKAGE FAMILY (SO) INCHES SYMBOL A A1 A2 b c D E E1 e L L1 h N NOTES: 1. Plastic or metal protrusions of 0.006" maximum per side are not included. 2. Plastic interlead protrusions of 0.010" maximum per side are not included. 3. Dimensions "D" and "E1" are measured at Datum Plane "H". 4. Dimensioning and tolerancing per ASME Y14.5M-1994 SO-8 0.068 0.006 0.057 0.017 0.009 0.193 0.236 0.154 0.050 0.025 0.041 0.013 8 SO-14 0.068 0.006 0.057 0.017 0.009 0.341 0.236 0.154 0.050 0.025 0.041 0.013 14 SO16 (0.150") 0.068 0.006 0.057 0.017 0.009 0.390 0.236 0.154 0.050 0.025 0.041 0.013 16 SO16 (0.300") (SOL-16) 0.104 0.007 0.092 0.017 0.011 0.406 0.406 0.295 0.050 0.030 0.056 0.020 16 SO20 (SOL-20) 0.104 0.007 0.092 0.017 0.011 0.504 0.406 0.295 0.050 0.030 0.056 0.020 20 SO24 (SOL-24) 0.104 0.007 0.092 0.017 0.011 0.606 0.406 0.295 0.050 0.030 0.056 0.020 24 SO28 (SOL-28) 0.104 0.007 0.092 0.017 0.011 0.704 0.406 0.295 0.050 0.030 0.056 0.020 28 TOLERANCE MAX 0.003 0.002 0.003 0.001 0.004 0.008 0.004 Basic 0.009 Basic Reference Reference NOTES 1, 3 2, 3 Rev. M 2/07
17
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430
Package Outline Drawing M8.15E
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE Rev 0, 08/09
4 4.90 0.10 A DETAIL "A" 0.22 0.03
B
6.0 0.20 3.90 0.10 4 PIN NO.1 ID MARK 5 (0.35) x 45 1.27 0.43 0.076 0.25 M C A B 4 4
SIDE VIEW "B" TOP VIEW
1.75 MAX
1.45 0.1 0.25 0.175 0.075 GAUGE PLANE C SEATING PLANE 0.10 C
SIDE VIEW "A
0.63 0.23
DETAIL "A"
(1.27) (0.60)
NOTES: (1.50) 1. Dimensions are in millimeters. Dimensions in ( ) for Reference Only. Dimensioning and tolerancing conform to AMSE Y14.5m-1994. Unless otherwise specified, tolerance : Decimal 0.05 Dimension does not include interlead flash or protrusions. Interlead flash or protrusions shall not exceed 0.25mm per side. 5. 6. The pin #1 identifier may be either a mold or mark feature. Reference to JEDEC MS-012.
2. (5.40) 3. 4.
TYPICAL RECOMMENDED LAND PATTERN
18
FN7623.1 December 16, 2010
ISL28130, ISL28230, ISL28430
Package Outline Drawing
L8.3x3J
8 LEAD DUAL FLAT NO-LEAD PLASTIC PACKAGE Rev 0 9/09
2X 1.950 3.00 (4X) 0.15 A B 6X 0.65
5
8
3.00
1.64 +0.10/ - 0.15
6 PIN 1 INDEX AREA 8X 0.400 0.10
PIN #1 INDEX AREA
6
4
TOP VIEW
1
8X 0.30 0.10 M C A B 2.38 +0.10/ - 0.15 4
BOTTOM VIEW
SEE DETAIL "X" ( 2.38 ) ( 1.95)
0.10 C
Max 1.00
C
0.08 C
( 8X 0.60) (1.64) ( 2.80 )
SIDE VIEW
PIN 1 (6x 0.65) ( 8 X 0.30)
C
0 . 2 REF
5
0 . 00 MIN. 0 . 05 MAX.
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
NOTES: 1. Dimensions are in millimeters. Dimensions in ( ) for Reference Only.
2. Dimensioning and tolerancing conform to AMSE Y14.5m-1994. 3. 4. Unless otherwise specified, tolerance : Decimal 0.05 Dimension applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip.
5. Tiebar shown (if present) is a non-functional feature. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature.
19
FN7623.1 December 16, 2010


▲Up To Search▲   

 
Price & Availability of ISL281301012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X