Part Number Hot Search : 
141001 STM32F 150AC 25HF20M TLHY620 MPS3639 74N14 TA0706A
Product Description
Full Text Search
 

To Download IPF075N03LG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type
IPD075N03L G IPS075N03L G
IPF075N03L G IPU075N03L G
OptiMOS(R)3 Power-Transistor
Features * Fast switching MOSFET for SMPS * Optimized technology for DC/DC converters * Qualified according to JEDEC for target applications * N-channel, logic level * Excellent gate charge x R DS(on) product (FOM) * Very low on-resistance R DS(on) * Avalanche rated * Pb-free plating; RoHS compliant Type IPD075N03L G IPF075N03L G
1)
Product Summary V DS R DS(on),max ID 30 7.5 50 V m A
IPS075N03L G
IPU075N03L G
Package Marking
PG-TO252-3-11 075N03L
PG-TO252-3-23 075N03L
PG-TO251-3-11 075N03L
PG-TO251-3-21 075N03L
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID V GS=10 V, T C=25 C V GS=10 V, T C=100 C V GS=4.5 V, T C=25 C V GS=4.5 V, T C=100 C Pulsed drain current2) Avalanche current, single pulse 3) Avalanche energy, single pulse Gate source voltage
1)
Value 50 43 49 35 350 50 50 20
Unit A
I D,pulse I AS E AS V GS
T C=25 C T C=25 C I D=12 A, R GS=25
mJ V
J-STD20 and JESD22
Rev. 1.1
page 1
2009-01-14
IPD075N03L G IPS075N03L G
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1 Symbol Conditions P tot T j, T stg T C=25 C Value 47
IPF075N03L G IPU075N03L G
Unit W C
-55 ... 175 55/175/56
Parameter
Symbol Conditions min.
Values typ. max.
Unit
Thermal characteristics Thermal resistance, junction - case SMD version, device on PCB R thJC R thJA minimal footprint 6 cm cooling area 4) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage V (BR)DSS V GS=0 V, I D=1 mA V GS(th) V DS=V GS, I D=250 A V DS=30 V, V GS=0 V, T j=25 C V DS=30 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance
5)
-
-
3.2 75 50
K/W
30 1
-
2.2
V
Zero gate voltage drain current
I DSS
-
0.1
1
A
-
10 10 9.1 6.3 1.3 61
100 100 11.4 7.5 S nA m
I GSS R DS(on)
V GS=20 V, V DS=0 V V GS=4.5 V, I D=30 A V GS=10 V, I D=30 A
Gate resistance Transconductance
2) 3) 4)
RG g fs |V DS|>2|I D|R DS(on)max, I D=30 A
30
See figure 3 for more detailed information See figure 13 for more detailed information
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air. 5) Measured from drain tab to source pin
Rev. 1.1
page 2
2009-01-14
IPD075N03L G IPS075N03L G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics 6) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Gate charge total Q gs Q g(th) Q gd Q sw Qg V plateau Qg V DD=15 V, I D=30 A, V GS=0 to 10 V V DS=0.1 V, V GS=0 to 4.5 V V DD=15 V, V GS=0 V V DD=15 V, I D=30 A, V GS=0 to 4.5 V 4.6 2.2 2.1 4.4 8.7 3.3 18 C iss C oss Crss t d(on) tr t d(off) tf V DD=15 V, V GS=10 V, I D=30 A, R G=1.6 V GS=0 V, V DS=15 V, f =1 MHz 1400 580 29 4.3 3.6 17 2.8 Values typ.
IPF075N03L G IPU075N03L G
Unit max.
1900 770 44 -
pF
ns
-
nC
V
Gate charge total, sync. FET Output charge Reverse Diode Diode continuous forward current Diode pulse current Diode forward voltage
Q g(sync) Q oss
-
7.6 15
-
nC
IS I S,pulse V SD
T C=25 C V GS=0 V, I F=30 A, T j=25 C V R=15 V, I F=I S, di F/dt =400 A/s
-
0.89
42 350 1.1
A
V
Reverse recovery charge
Q rr
-
-
10
nC
6)
See figure 16 for gate charge parameter definition
Rev. 1.1
page 3
2009-01-14
IPD075N03L G IPS075N03L G
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
IPF075N03L G IPU075N03L G
50
60
40
50
40 30
P tot [W]
I D [A]
20 10 0 0 50 100 150 200
30
20
10
0 0 50 100 150 200
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
103
limited by on-state resistance
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
10
1 s
102
10 s
0.5
100 s
1
0.2
I D [A]
DC
Z thJC [K/W]
0.1 0.05 0.02
101
1 ms 10 ms
0.1
0.01 single pulse
10
0
10-1 10-1 100 101 102
0.01
0
0
0
0
0
0
1
10-6
10-5
10-4
10-3
10-2
10-1
100
V DS [V]
Rev. 1.1 page 4
t p [s]
2009-01-14
IPD075N03L G IPS075N03L G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
120
5V 4.5 V 3.2 V
IPF075N03L G IPU075N03L G
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
20
100
10 V
16
80
4V
3.5 V
4V
R DS(on) [m]
12
4.5 V
I D [A]
60
8
10 V 11.5 V
5V
40
3.5 V
20
3.2 V 3V 2.8 V
4
0 0 1 2 3
0 0 20 40 60 80 100
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
100
8 Typ. forward transconductance g fs=f(I D); T j=25 C
100
80
80
60
60
40
g fs [S]
40 20
175 C 25 C
I D [A]
20
0 0 1 2 3 4 5
0 0 20 40 60 80 100
V GS [V]
I D [A]
Rev. 1.1
page 5
2009-01-14
IPD075N03L G IPS075N03L G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=30 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS; I D=250 A
IPF075N03L G IPU075N03L G
16
2.5
14 2 12
R DS(on) [m]
10
98 %
8
6
typ
V GS(th) [V]
100 140 180
1.5
1
4 0.5 2
0 -60 -20 20 60
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
104
103
25 C
103
Ciss
175 C, 98%
Coss
102
175 C
C [pF]
10
2
I F [A]
z
Crss
25 C, 98%
101 101
100 0 10 20 30
100 0 0.5 1 1.5 2
V DS [V]
V SD [V]
Rev. 1.1
page 6
2009-01-14
IPD075N03L G IPS075N03L G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
100
IPF075N03L G IPU075N03L G
14 Typ. gate charge V GS=f(Q gate); I D=30 A pulsed parameter: V DD
12
15 V 6V 24 V
10
8
I AV [A]
150 C
100 C
10
V GS [V]
103
25 C
6
4
2
1 10-1 100 101 102
0 0 4 8 12 16 20 24
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
34
V GS
32
Qg
30
V BR(DSS) [V]
28
26
V g s(th)
24
22
Q g(th) Q gs
-60 -20 20 60 100 140 180
Q sw Q gd
Q g ate
20
T j [C]
Rev. 1.1
page 7
2009-01-14
IPD075N03L G IPS075N03L G
Package Outline PG-TO252-3-11
IPF075N03L G IPU075N03L G
Footprint:
Packaging:
Rev. 1.1
page 8
2009-01-14
IPD075N03L G IPS075N03L G
Package Outline PG-TO252-3-23: Outline PG-TO252-3-23
IPF075N03L G IPU075N03L G
Footprint:
Rev. 1.1
page 9
2009-01-14
IPD075N03L G IPS075N03L G
Package Outline PG-TO251-3-11: Outline PG-TO251-3-11
IPF075N03L G IPU075N03L G
PG-TO251-3-21: Outline
Rev. 1.1
page 10
2009-01-14
IPD075N03L G IPS075N03L G
Package Outline PG-TO251-3-11: Outline PG-TO251-3-21
IPF075N03L G IPU075N03L G
PG-TO251-3-21: Outline
Rev. 1.1
page 11
2009-01-14
IPD075N03L G IPS075N03L G
IPF075N03L G IPU075N03L G
Published by Infineon Technologies AG 81726 Munich, Germany (c) 2008 Infineon Technologies AG All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please
contact the nearest Infineon Technologies Office (www.infineon.com).
Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.1
page 12
2009-01-14


▲Up To Search▲   

 
Price & Availability of IPF075N03LG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X