Part Number Hot Search : 
PVR2300 HAL54X Y7C15 2SK36707 C2167 A495309 MAX6673 7461096
Product Description
Full Text Search
 

To Download IPD50N06S3-07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPD50N06S3-07
OptiMOS(R)-T Power-Transistor
Product Summary V DS R DS(on),max ID 55 6.9 50 V m A
Features * N-channel - Normal Level - Enhancement mode * Automotive AEC Q101 qualified * MSL1 up to 260C peak reflow * 175C operating temperature * Green package (RoHS compliant) * Ultra low Rds(on) * 100% Avalanche tested PG-TO252-3-11
Type IPD50N06S3-07
Package PG-TO252-3-11
Marking 3N0607
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current1) Symbol ID Conditions T C=25 C, V GS=10 V T C=100 C, V GS=10 V2) Pulsed drain current2) Avalanche energy, single pulse2) Avalanche current, single pulse Gate source voltage3) Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1 I D,pulse E AS I AS V GS P tot T j, T stg T C=25 C T C=25 C I D=25 A, Value 50 50 200 710 50 20 136 -55 ... +175 55/175/56 mJ A V W C Unit A
Rev. 1.2
page 1
2009-06-15
IPD50N06S3-07
Parameter
Symbol
Conditions min.
Values typ. max.
Unit
Thermal characteristics2) Thermal resistance, junction - case SMD version, device on PCB R thJC R thJA minimal footprint 6 cm2 cooling area4) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D= 1 mA V GS(th) I DSS V DS=V GS, I D=80 A V DS=55 V, V GS=0 V, T j=25 C V DS=55 V, V GS=0 V, T j=125 C2) Gate-source leakage current Drain-source on-state resistance I GSS RDS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=50 A 55 2.1 3.0 0.01 4 1 A V 1.1 62 40 K/W
-
1 1 6.2
100 100 6.9 nA m
Rev. 1.2
page 2
2009-06-15
IPD50N06S3-07
Parameter
Symbol
Conditions min.
Values typ. max.
Unit
Dynamic characteristics2) Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics2) Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Diode continous forward current2) Diode pulse current2) Diode forward voltage Reverse recovery time2) Reverse recovery charge2)
1)
C iss C oss Crss t d(on) tr t d(off) tf V DD=27.5 V, V GS=10 V, I D=50 A, R G=7 V GS=0 V, V DS=25 V, f =1 MHz
-
7800 1180 1130 30 60 45 73
8970 1770 1700 -
pF
ns
Q gs Q gd Qg V plateau V DD=11 V, I D=50 A, V GS=0 to 10 V
-
46 28 110 5.9
61 43 125 -
nC
V
IS I S,pulse V SD t rr Q rr
T C=25 C V GS=0 V, I F=50 A, T j=25 C V R=27.5 V, I F=I S, di F/dt =100 A/s
0.6 -
0.9 45 66
50 200 1.3 -
A
V ns nC
Current is limited by bondwire; with an R thJC = 1.1 K/W the chip is able to carry 104 A at 25C. For detailed information see Application Note ANPS071E. 2) Defined by design. Not subject to production test. 3) Qualified at -5V and +20V. 4) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.2
page 3
2009-06-15
IPD50N06S3-07
1 Power dissipation P tot = f(T C); V GS 6 V
2 Drain current I D = f(T C); V GS 6 V
160 140 120
60
40 100
P tot [W]
80 60
I D [A]
20 0 0 50 100 150 200 0 50 100 150 200
40 20 0
T C [C]
T C [C]
3 Safe operating area I D = f(V DS); T C = 25 C; D = 0 parameter: t p
1000
4 Max. transient thermal impedance Z thJC = f(t p) parameter: D =t p/T
101
1 s 10 s
100
0.5
100
1 ms
100 s
Z thJC [K/W]
I D [A]
0.1
10-1
0.05
10 10
-2
0.01
1 0.1 1 10 100
10-3 10-7
single pulse
10-6
10-5
10-4
10-3
10-2
10-1
100
V DS [V]
t p [s]
Rev. 1.2
page 4
2009-06-15
IPD50N06S3-07
5 Typ. output characteristics I D = f(V DS); T j = 25 C parameter: V GS
200
10 V 8V
6 Typ. drain-source on-state resistance R DS(on) = f(I D); T j = 25 C parameter: V GS
20
6V 7V 8V
175 150 125 15
7.5 V
I D [A]
7V
100 75 50 25 0 0 2 4 6 8 10
6.5 V
R DS(on) [m]
10
9V
6V
10 V
5
5.5 V
0 0 50 100 150 200
V DS [V]
I D [A]
7 Typ. transfer characteristics I D = f(V GS); V DS = 6 V parameter: T j
200
-55 C 25 C 175 C
8 Typ. drain-source on-state resistance R DS(on) = f(T j); I D = 50 A; V GS = 10 V
12
150
10
100
R DS(on) [m]
0 2 4 6 8 10
I D [A]
8
50
6
0
4 -60 -20 20 60 100 140 180
V GS [V]
T j [C]
Rev. 1.2
page 5
2009-06-15
IPD50N06S3-07
9 Typ. gate threshold voltage V GS(th) = f(T j); V GS = V DS parameter: I D
4
10 Typ. capacitances C = f(V DS); V GS = 0 V; f = 1 MHz
Ciss
104
Coss
3.5
800A
3
Crss
V GS(th) [V]
C [pF]
80A
2.5
103
2
1.5
1 -60 -20 20 60 100 140 180
102 0 5 10 15 20 25
T j [C]
V DS [V]
11 Typical forward diode characteristicis IF = f(VSD) parameter: T j
103
12 Typ. avalanche characteristics I AV = f(t AV) parameter: T j(start)
100
25C 100C 150C
102
I AV [A]
101
175 C 25 C
I F [A]
10
100 0 0.2 0.4 0.6 0.8 1 1.2 1.4
1 1 10 100 1000
V SD [V]
t AV [s]
Rev. 1.2
page 6
2009-06-15
IPD50N06S3-07
13 Typical avalanche Energy E AS = f(T j) parameter: I D
1500
12.5 A
14 Drain-source breakdown voltage V BR(DSS) = f(T j); I D = 1 mA
65
1200 60
V BR(DSS) [V]
900
E AS [mJ]
55
25 A
600
300
50 A
50
0 0 50 100 150 200
45 -60 -20 20 60 100 140 180
T j [C]
T j [C]
15 Typ. gate charge V GS = f(Q gate); I D = 50 A pulsed parameter: V DD
12
16 Gate charge waveforms
V GS
11 V 44 V
10
Qg
8
V plateau
V GS [V]
6
V g s(th)
4
2
Q g (th) Q gs
0 50 100 150 200
Q sw Q gd
Q gate
0
Q gate [nC]
Rev. 1.2
page 7
2009-06-15
IPD50N06S3-07
Published by Infineon Technologies AG 81726 Munich, Germany
(c) Infineon Technologies AG 2009
All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.2
page 8
2009-06-15
IPD50N06S3-07
Revision History Version Date Changes Implementation of avalanche 07.11.2007 current single pulse
Data Sheet version 1.1
Data Sheet version 1.1
07.11.2007 Update of package drawing Update of avalanche diagram 12 07.11.2007 and 13 implementation of footnote 2 for 07.11.2007 Eas specification Correction of marking and update 15.06.2009 of disclaimer
Data Sheet version 1.1
Data Sheet version 1.1
Data Sheet version 1.2
Data Sheet version 1.2
15.06.2009 Correction of package name
Rev. 1.2
page 9
2009-06-15


▲Up To Search▲   

 
Price & Availability of IPD50N06S3-07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X