Part Number Hot Search : 
MIW1111 LTC21 M74HC3 S1D137 4410Z PCI01 C1391 ISL97642
Product Description
Full Text Search
 

To Download IPB200N15N3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPB200N15N3 G IPD200N15N3 G IPI200N15N3 G IPP200N15N3 G
OptiMOSTM3 Power-Transistor
Features * N-channel, normal level * Excellent gate charge x R DS(on) product (FOM) * Very low on-resistance R DS(on) * 175 C operating temperature * Pb-free lead plating; RoHS compliant * Qualified according to JEDEC1) for target application
Product Summary V DS R DS(on),max ID 150 20 50 V m A
* Ideal for high-frequency switching and synchronous rectification * Halogen-free according to IEC61249-2-21 * Type IPB200N15N3 G IPD200N15N3 G IPI200N15N3 G IPP200N15N3 G
Package Marking
PG-TO263-3 200N15N
PG-TO252-3 200N15N
PG-TO262-3 200N15N
PG-TO220-3 200N15N
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C Pulsed drain current2) Avalanche energy, single pulse I D,pulse E AS T C=25 C I D=50 A, R GS=25 I D=50 A, V DS=120 V, di /dt =100 A/s, T j,max=175 C Value 50 40 200 170 mJ Unit A
Reverse diode dv /dt
dv /dt
6
kV/s
Gate source voltage Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1
1) 2)
V GS P tot T j, T stg T C=25 C
20 150 -55 ... 175 55/175/56
V W C
J-STD20 and JESD22 See figure 3
* Except D-PAK ( TO-252 )
Rev. 2.05
page 1
2010-04-28
IPB200N15N3 G IPD200N15N3 G IPI200N15N3 G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case Thermal resistance, junction ambient R thJC R thJA minimal footprint 6 cm2 cooling area 3) 1 75 50 K/W
IPP200N15N3 G
Unit max.
Values typ.
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=90 A V DS=120 V, V GS=0 V, T j=25 C V DS=120 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=50 A 150 2 3 0.1 4 1 A V
-
10 1 16
100 100 20 nA m
V GS=8 V, I D=25 A Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=50 A
29
16 2.4 57
20 S
2 Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
3)
Rev. 2.05
page 2
2010-04-28
IPB200N15N3 G IPD200N15N3 G IPI200N15N3 G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics 4) Gate to source charge Gate to drain charge Switching charge Gate charge total Gate plateau voltage Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge
4)
IPP200N15N3 G
Unit max.
Values typ.
C iss C oss C rss t d(on) tr t d(off) tf V DD=75 V, V GS=10 V, I D=50 A, R G=1.6 V GS=0 V, V DS=75 V, f =1 MHz
-
1820 214 5 14 11 23 6
21 17 35 9
pF
ns
Q gs Q gd Q sw Qg V plateau Q oss V DD=75 V, V GS=0 V V DD=75 V, I D=50 A, V GS=0 to 10 V
-
10 4 9 23 5.7 60
14 6 13 31 79
nC
V nC
IS I S,pulse V SD t rr Q rr
T C=25 C V GS=0 V, I F=50 A, T j=25 C V R=75 V, I F=I S, di F/dt =100 A/s
-
1 106 332
50 220 1.2 -
A
V ns nC
See figure 16 for gate charge parameter definition
Rev. 2.05
page 3
2010-04-28
IPB200N15N3 G IPD200N15N3 G IPI200N15N3 G
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
IPP200N15N3 G
160
60
120 40
P tot [W]
80
I D [A]
20 0 0 50 100 150 200 0 50 100 150 200
40
0
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
103
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
101
1 s 10 s
102
100 s
100
1 ms
101
10 ms
Z thJC [K/W]
0.5
I D [A]
0.2
0.1
DC
10
-1
0.05
10
0
0.02 0.01 single pulse
10-1 10
-1
10-2 10
0
10
1
10
2
10
3
10-5
10-4
10-3
10-2
10-1
100
V DS [V]
t p [s]
Rev. 2.05
page 4
2010-04-28
IPB200N15N3 G IPD200N15N3 G IPI200N15N3 G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
100
10 V 7V 6.5 V
IPP200N15N3 G
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
40
5V 5.5 V 6V
35 80
8V
30
R DS(on) [m]
60
6V
25
I D [A]
20
8V
40
5.5 V
15
10 V
10 20
5V
5
4.5 V
0 0 1 2 3 4 5
0 0 20 40 60 80
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
100
8 Typ. forward transconductance g fs=f(I D); T j=25 C
100
80
80
60
60
40
g fs [S]
40 20
175 C 25 C
I D [A]
20
0 0 2 4 6 8
0 0 40 80 120 160
V GS [V]
I D [A]
Rev. 2.05
page 5
2010-04-28
IPB200N15N3 G IPD200N15N3 G IPI200N15N3 G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=50 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
50 45 40 3 35
90 A
IPP200N15N3 G
4
3.5
900 A
R DS(on) [m]
30 25 20 15
98%
2.5
V GS(th) [V]
typ
2
1.5
1 10 5 0 -60 -20 20 60 100 140 180 0.5
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
104
103
Ciss
103 102
25 C
C [pF]
I F [A]
102
Coss
175 C
25C, 98%
101 101
Crss
175C, 98%
100 0 20 40 60 80 100 0 0.5 1 1.5 2
V DS [V]
V SD [V]
Rev. 2.05
page 6
2010-04-28
IPB200N15N3 G IPD200N15N3 G IPI200N15N3 G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
100
IPP200N15N3 G
14 Typ. gate charge V GS=f(Q gate); I D=50A pulsed parameter: V DD
10
120 V
8
75 V 25 C 30 V 100 C
6
10
125 C
V GS [V]
4 2 0 100 1000
I AS [A]
1 1 10
0
10
20
30
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
170
V GS
165
Qg
160
V BR(DSS) [V]
155
150
V g s(th)
145
140
Q g(th) Q gs
-60 -20 20 60 100 140 180
Q sw Q gd
Q g ate
135
T j [C]
Rev. 2.05
page 7
2010-04-28
IPB200N15N3 G IPD200N15N3 G IPI200N15N3 G
PG-TO263-3 Outline
IPP200N15N3 G
Rev. 2.05
page 8
2010-04-28
IPB200N15N3 G IPD200N15N3 G IPI200N15N3 G
PG-TO252-3 Outline
IPP200N15N3 G
Rev. 2.05
page 9
2010-04-28
IPB200N15N3 G IPD200N15N3 G IPI200N15N3 G
PG-TO262-3 Outline
IPP200N15N3 G
Rev. 2.05
page 10
2010-04-28
IPB200N15N3 G IPD200N15N3 G IPI200N15N3 G
PG-TO220-3 Outline
IPP200N15N3 G
Rev. 2.05
page 11
2010-04-28
IPB200N15N3 G IPD200N15N3 G IPI200N15N3 G IPP200N15N3 G
Published by Infineon Technologies AG 81726 Munich, Germany (c) 2008 Infineon Technologies AG All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office ( www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 2.05
page 12
2010-04-28


▲Up To Search▲   

 
Price & Availability of IPB200N15N3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X