Part Number Hot Search : 
1776M MAX695 PNZ310 MAX1099 1N5945BP F3055 20K0J ESD05
Product Description
Full Text Search
 

To Download H4P041NX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QUAD PORT 10/100 BASE-TX LAN MAGNETIC
Bothhandusa.com
Page : 1/1
P/N: H4P041NX DATA SHEET
Feature ! ! ! !
Magnetic designs to support every PHY. Complies with IEEE 802.3 standards including 350 uH min OCL with 8mA bias. Operating temperature range: 0 to +70. Storage temperature range: -25 to +125.
Electrical Specifications @ 25C
Part Number TX H4P041NX 1CT:1CT Turns Ratio (3%) RX 1CT:1CT OCL (uH Min) @100KHz/0.1V with 8mA DC Bias 350 Insertion Loss (dB Max) 1-100 MHz -1.2 1500 HI-POT (Vrms)
Continue
Part Number 30MHz H4P041NX -15 Return Loss (dB Min)TX/RX 50MHz -13 80MHz -11 Cross talk (dB Min)TX/RX 0.3-30MHz -40 30-60MHz 60-100MHz -35 -30 1-30MHz -30 CMR (dB Min)TX/RX 30-60MHz 60-125MHz -25 -20
Schematic
Mechanical
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of H4P041NX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X