Part Number Hot Search : 
KBL03 MAX703 05A1M 1N514 TH212S P1S21 C221A R05005
Product Description
Full Text Search
 

To Download GOA95020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869 Fax: +39-010-659 1870 Web: www.gpsemi.it E-mail: info@gpsemi.it
GOA9xx20
THREE PHASE AC-SWITCH
Fuse protection Blown fuse indicators with microswitch Over temperature switches Fan loss detection circuit Snubber for SCR's protections Extractible stacks for easy field service
LINE VOLTAGE UP TO 500V RMS OUTPUT CURRENT 2000 A
GOA94020
Line to line voltage
GOA95020
500 V
400 V
Characteristic
IRMS VINS (rms) RMS output current Insulation voltage
Conditions
Value
2000 A 3000 V
Value
2000 A 3000 V
THYRISTOR CHARACTERISTICS
VGT IGT dV/dt VRRM Gate trigger voltage Gate trigger current Critical rate of rise off-state voltage Blocking Voltage Tj = 25 C, VD = 5 V Tj = 25 C, VD = 5 V Tj= 125 C Tj = 125 C 3V 300 mA 1000 V/us 1200 V 3V 300 mA 1000 V/us 1600 V
FUSE TYPE 2 X SIBA 2068132.1100
VNF INF PVF It Rated voltage Rated current Power loss Total I2t At rated current At 660 V 690 V 1100 A 136 W
2 1200 kA s
690 V 1100 A 136 W
2 1200 kA s
MECHANICAL AND THERMAL CHARACTERISTICS
Width Depth Height Mass Ta max Tstg Max amb. op. Temp. Storage temperature 620 mm 360 mm 855 mm 100 kg 40 C -40/60 C 620 mm 360 mm 855 mm 100 kg 40 C -40/60 C
Document GOA9xx20T001
THREE PHASE AC-SWITCH
GOA9xx20
The part numbering system is reported at the beginning of the Open Assembly section. Customisations are available on request. Please contact factory.
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
Document GOA9xx20T001
THREE PHASE AC-SWITCH
GOA9xx20
Blue Yellow-green Blue
31
32
Fan Loss Fan M 1Ph
MOTOR AC C7 MOTOR AC C8 Brown 4 1.5-2 uF 5 V3 U3 1 2 3
0
Fan M 1Ph
Brown 1.5-2 uF
1 phase 220V 50-60 Hz 0.5-0.6 A
R
S
T
61 62 81 82
Termoswitch
Fuses
F1 FUSE
F2 FUSE
F3 FUSE
K3 G3 K2 G2 K1 G1
T6 T4 T1 T2 T5 T3
K4 G4 K5 G5 K6 G6
U
V
W
Cooling: Fan type: Number of fans: Voltage: Current: Frequency: Noise: single phase axial 2 230 V 0.6 A 50/60 Hz 62 dBA
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice. Document GOA9xx20T001


▲Up To Search▲   

 
Price & Availability of GOA95020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X