Part Number Hot Search : 
HTIP105 00900 TDA2616Q AD534TD HD74L 15BCC DDTA114 74F16
Product Description
Full Text Search
 

To Download FCX458 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
ISSUE 3 - MARCH 1996 FEATURES * 400 Volt VCEO * Ptot= 1 Watt COMPLEMENTARY TYPE - PARTMARKING DETAIL - FCX458 P58
FCX558
C
E C B
SYMBOL VCBO VCEO VEBO IC ICM Ptot Tj:Tstg MIN. -400 -400 -5 -100 -100 -0.2 -0.5 -0.9 -0.9 100 100 15 50 5 95 Typical 1600 Typical MAX. VALUE -400 -400 -5 -200 -500 1 -65 to +150 UNIT V V V mA mA W C
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Pulse Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Turn On Voltage Static Forward Current Transfer Ratio Transition Frequency Collector-Base Breakdown Voltage Switching times SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO ;ICES IEBO VCE(sat) VBE(sat) VBE(on) hFE UNIT V V V nA nA V V V V CONDITIONS. IC=-100A IC=-10mA* IE=-100A VCB=-320V; VCES = 320V VEB=-4V IC=-20mA, IB=-2mA* IC=-50mA, IB=-6mA* IC=-50mA, IB=-5mA* IC=-50mA, VCE=-10V* IC=-1mA, VCE=-10V IC=-50mA, VCE=-10V* IC=-100mA, VCE=-10V* MHz pF ns ns IC=-10mA, VCE=-20V f=20MHz VCB=-20V, f=1MHz IC=-50mA, VC=-100V IB1=-5mA, IB2=-10mA
300
fT Cobo ton toff
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% Spice parameter data is available upon request for this device For typical characteristics graphs see FZT558 datasheet.
3 - 90


▲Up To Search▲   

 
Price & Availability of FCX458

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X