Part Number Hot Search : 
DS1371U 2001723 74162 TVR14431 SFCV7673 NJU3730 D4301 UPD166
Product Description
Full Text Search
 

To Download E15C7H2F-155520M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E15C7 Series
* RoHS Compliant (Pb-Free) * LVPECL output oscillators * 2.5V supply voltage * Ceramic 6-pad SMD package * Stability to 25ppm * Tri-State output * Complementary output * Available on tape and reel * Wide range of available frequencies
H L W
E15C7
2.0 7.0 5.0
OSCILLATOR
ELECTRICAL SPECIFICATIONS
Nominal Frequency (MHz) 77.760M, 78.125M, 80M, 80.157M, 85M, 87.125M, 90M, 100M, 106.25M, 110M, 119M, 120M, 122.888M, 124.4M, 125M, 127M, 128M, 133M, 133.333M, 137.472M, 150M, 155.52M, 156.25M, 159.375M, 161.1328M, 162.5M , 166M, 170M, 175M, 176.83816M, 187.5M, 187.509375M, 200M, or 212.5MHz 0C to 70C, or -40C to +85C -55C to 125C 2.5VDC 5% 75mA Maximum 100ppm, 50ppm, or 25ppm Maximum
Operating Temperature Range Storage Temperature Range Supply Voltage (VCC) Input Current Frequency Tolerance / Stability
Output Voltage Logic High (VOH) Output Voltage Logic Low (VOL) Rise Time / Fall Time Duty Cycle Load Drive Capability Logic Control / Additional Output Tri-State Input Voltage
Inclusive of All Conditions: Calibration Tolerance at 25C, Frequency Stability over the Operating Temperature Range, Supply Voltage Change, Output Load Change, 1st Year Aging at 25C, Shock, and Vibration 0C to 85C -40C to 0C 0C to 85C -40C to 0C 20% to 80% of waveform at 50% of waveform
Standby Current Start Up Time RMS Phase Jitter Typical Phase Noise
VIH of 70% of VCC Minimum No Connection VIL of 30% of VCC Maximum Without Load FJ = 12kHz to 20MHz Fo=156.250MHz
VCC-1.025VDC Minimum VCC-1.085VDC Minimum VCC-1.405VDC Maximum VCC-1.305VDC Maximum 300pSec Typical, 700pSec Maximum 50 5(%) 50 Ohms into VCC-2.0VDC Complementary Output and Tri-State Enables Output Enables Output Disables Output: High Impedance 30A Maximum 10 mSeconds Maximum 0.4pSec Typical, 1 pSec Maximum -60dBc/Hz at 10Hz Offset -95dBc/Hz at 100Hz Offset -125dBc/Hz at 1kHz Offset -143dBc/Hz at 10kHz Offset -145dBc/Hz at 100kHz Offset -145dBc/Hz at 1MHz Offset -146dBc/Hz at 10MHz Offset
CLASS REV.DATE
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
ECLIPTEK CORP.
OSCILLATOR
E15C7
CERAMIC
2.5V
OS1C
01/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
PART NUMBERING GUIDE E15C7 E 2 F - 155.520M TR
FREQUENCY TOLERANCE & STABILITY/ OPERATING TEMPERATURE RANGE C=100ppm Maximum over 0C to +70C D=50ppm Maximum over 0C to +70C E=25ppm Maximum over 0C to +70C G=100ppm Maximum over -40C to +85C H=50ppm Maximum over -40C to +85C J=25ppm Maximum over -40C to +85C (*) AVAILABLE OPTIONS Blank=Tubes TR=Tape and Reel (Standard) FREQUENCY LOGIC CONTROL/ADDITIONAL OUTPUT F=Complementary Output and Tri-State DUTY CYCLE 2=50 5(%)
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
(*) Not available over Nominal Frequency range of 176.83816MHz to 212.500MHz
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
2.00 MAX
5.00 0.20 MARKINING ORIENTATION
2.60 +0.40/-0.60 1.2 +0.3/ -0.2
7.00 +0.70/ 5.08 -0.15 0.20
2.54 0.10
6 5 4
1 2 3
1.4 0.2
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
Pin 1: Tri-State Pin 2: No Connect Pin 3: Case Ground
Pin 4: Output Pin 5: Complementary Output Pin 6: Supply Voltage
Tolerances= +0.1
TAPE
A
16.3-.1
B
7.5.1
C
6.75.1
D
4 .1
E
2.1
F
REEL
M
1.5 MIN
N
50 MIN
O
20.2 MIN
P
13.2
Q
40 MIN QTY/REEL 1,000
F
8.1
G
B0*
H
1.5 +.1-0
J
A0*
K
.3 .05
L
K0*
R
2.5 MIN
S
10 MIN
T
22.4 MAX
U
360 MAX
V
16.4+2-0
*Compliant to EIA 481A
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
MARKING SPECIFICATIONS
Characteristic Fine Leak Test Gross Leak Test Mechanical Shock Vibration Solderability Temperature Cycling Resistance to Soldering Heat Resistance to Solvents
Specification MIL-STD-883, Method 1014, Condition A MIL-STD-883, Method 1014, Condition C MIL-STD-202, Method 213, Condition C MIL-STD-883, Method 2007, Condition A MIL-STD-883, Method 2002 MIL-STD-883, Method 1010 MIL-STD-202, Method 210 MIL-STD-202, Method 215
Line 1: ECLIPTEK Line 2: XX.XXX M
Frequency in MHz (5 Digits Maximum + Decimal)
Line 3: XX Y ZZ
Week of Year Last Digit of Year Ecliptek Manufacturing Identifier
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV.DATE
ECLIPTEK CORP.
OSCILLATOR
E15C7
CERAMIC
2.5V
OS1C
01/07
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of E15C7H2F-155520M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X