Part Number Hot Search : 
8002A FQP2P40 MB200 XR2203 AC08DSMA F12C20 MPC17510 243BDR
Product Description
Full Text Search
 

To Download DMP3100L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DMP3100L
P-CHANNEL ENHANCEMENT MODE MOSFET
Features
* Low On-Resistance: 100m @ VGS = -10V, ID = -2.7A 170m @ VGS = -4.5V, ID = -2.0A Low Gate Threshold Voltage Low Input Capacitance Fast Switching Speed Low Input/Output Leakage Lead Free By Design/RoHS Compliant (Note 2) "Green" Device (Note 4) Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
* * * * * * * *
Drain
* * * * * * *
Case: SOT-23 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020 Terminals: Finish Matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking Information: See Page 3 Ordering Information: See Page 3 Weight: 0.008 grams (approximate)
SOT-23
D
Gate
G S
Source
TOP VIEW
EQUIVALENT CIRCUIT
TOP VIEW
Maximum Ratings
Drain-Source Voltage Gate-Source Voltage
@TA = 25C unless otherwise specified Symbol VDSS VGSS TA = 25C TA = 70C ID IDM Value -30 20 -2.7 -2 -8 Units V V A A
Characteristic
Drain Current (Note 1) VGS = -10V Pulsed Drain Current (Note 3)
Steady State
Thermal Characteristics
Characteristic Total Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient @TA = 25C (Note 1) Operating and Storage Temperature Range Symbol PD RJA TJ, TSTG Value 1.08 115 -55 to +150 Units W C/W C
Electrical Characteristics @TA = 25C unless otherwise specified
Characteristic OFF CHARACTERISTICS (Note 5) Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Source Leakage ON CHARACTERISTICS (Note 5) Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transfer Admittance Diode Forward Voltage (Note 5) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance
Notes: 1. 2. 3. 4. 5.
Symbol BVDSS
Min -30 -1.3
Typ -1.8 86 147 3.6 227 64 36
Max -800 80 800 -2.1 100 170 -1.26
Unit V nA nA V m S V pF pF pF
Test Condition VGS = 0V, ID = -250A VDS = -30V, VGS = 0V VGS = 12V, VDS = 0V VGS = 15V, VDS = 0V VDS = VGS, ID = -250A VGS = -10V, ID = -2.7A VGS = -4.5V, ID = -2.0A VDS = -5V, ID = -2.7A VGS = 0V, IS = -2.7A VDS = -10V, VGS = 0V f = 1.0MHz
IDSS
IGSS VGS(th) RDS (ON) |Yfs| VSD Ciss Coss Crss
Device mounted on FR-4 PCB. t 5 sec. No purposefully added lead. Pulse width 10S, Duty Cycle 1%. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Short duration pulse test used to minimize self-heating effect.
DMP3100L
Document number: DS31441 Rev. 3 - 2
1 of 4 www.diodes.com
June 2010
(c) Diodes Incorporated
DMP3100L
5.0 4.5
3
VDS = 5V Pulsed
2.5
4.0 ID, DRAIN CURRENT (A) 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 1 Typical Output Characteristics 0.2
0.3
2
1.5
1
0.5
0 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 3.5
RDS(on), STATIC DRAIN-SOURCE ON-RESISTANCE ()
RDS(on), STATIC DRAIN-SOURCE ON-RESISTANCE ()
0.18
0.26
VGS = 4.5V TA = 150C
0.16
VGS = 4.5V
0.22
TA = 125C TA = 85C
0.14
0.18
0.12
T A = 25C
0.1
VGS = 10V
0.14
0.08 1 1.5 2 2.5 3 ID, DRAIN CURRENT (A) Fig. 3 On-Resistance vs. Drain Current and Gate Voltage 1.5 1.4 RDS(ON), STATIC DRAIN-SOURCE ON-RESISTANCE (NORMALIZED) 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 150 TA, AMBIENT TEMPERATURE (C) Fig. 5 Normalized Static Drain-Source On-Resistance vs. Ambient Temperature
VGS = 10V ID = 2.7A VGS = 4.5V ID = 2.0A
0.1
T A = -55C
0
0.5
0.5 1 1.5 2 2.5 3 ID, DRAIN CURRENT (A) Fig. 4 On-Resistance vs. Drain Current and Gate Voltage
0
f = 1MHz
C, CAPACTIANCE (pF)
C iss
C oss
Crss
0
5
10
15
20
25
30
VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 6 Typical Capacitance
DMP3100L
Document number: DS31441 Rev. 3 - 2
2 of 4 www.diodes.com
June 2010
(c) Diodes Incorporated
DMP3100L
2.2
10
1.9
ID = 250A
1
0.1
1.6
0.01
1.3
T A = 150C TA = 125C TA = 85C
0.001
TA = 25C T A = -55C
1 -50
-25
0
25
50
75
100
125 150
0.0001 0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 VSD, SOURCE DRAIN VOLTAGE (V)
1
Ordering Information (Note 6)
Part Number DMP3100L-7
Notes:
Case SOT-23
Packaging 3000/Tape & Reel
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
P3S = Product Type Marking Code YM = Date Code Marking Y = Year (ex: U = 2007) M = Month (ex: 9 = September)
P3S
Date Code Key Year Code Month Code Jan 1
2007 U Feb 2 Mar 3
2008 V Apr 4 May 5
YW
2009 W Jun 6 Jul 7
2010 X Aug 8 Sep 9
2011 Y Oct O Nov N
2012 Z Dec D
Package Outline Dimensions
A
BC
H K D J F G L M
K1
SOT-23 Dim Min Max Typ A 0.37 0.51 0.40 B 1.20 1.40 1.30 C 2.30 2.50 2.40 D 0.89 1.03 0.915 F 0.45 0.60 0.535 G 1.78 2.05 1.83 H 2.80 3.00 2.90 J 0.013 0.10 0.05 K 0.903 1.10 1.00 K1 0.400 L 0.45 0.61 0.55 M 0.085 0.18 0.11 0 8 All Dimensions in mm
DMP3100L
Document number: DS31441 Rev. 3 - 2
3 of 4 www.diodes.com
June 2010
(c) Diodes Incorporated
DMP3100L
Suggested Pad Layout
Y Z
C
Dimensions Value (in mm) Z 2.9 X 0.8 Y 0.9 C 2.0 E 1.35
X
E
IMPORTANT NOTICE DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION). Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated website, harmless against all damages. Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings noted herein may also be covered by one or more United States, international or foreign trademarks. LIFE SUPPORT Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems. Copyright (c) 2010, Diodes Incorporated www.diodes.com
DMP3100L
Document number: DS31441 Rev. 3 - 2
4 of 4 www.diodes.com
June 2010
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DMP3100L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X