![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This product complies with the RoHS Directive (EU 2002/95/EC). DMA26100 Silicon PNP epitaxial planar type For digital circuits Features Package Code Mini5-G3-B Name Pin 1: Base (Tr1) 2: Emitter (Common) 3: Base (Tr2) Contributes to miniaturization of sets, reduction of component count. Eco-friendly Halogen-free package Basic Part Number Dual DRA2144T (Common emitter) 4: Collector (Tr2) 5: Collector (Tr1) Packaging Embossed type (Thermo-compression sealing): 3000 pcs / reel (standard) Marking Symbol: P2 Internal Connection Absolute Maximum Ratings Ta = 25C Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Collector current Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO IC PT Tj Tstg Rating -50 -50 -100 300 150 -55 to +150 Unit V V mA mW C C (C1) 5 Tr1 R1 (C2) 4 Tr2 R1 1 (B1) 2 (E) 3 (B2) Resistance value R1 47 k Electrical Characteristics Ta = 25C3C Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Collector-base cutoff current (Emitter open) Collector-emitter cutoff current (Base open) Emitter-base cutoff current (Collector open) Forward current transfer ratio hFE ratio * Collector-emitter saturation voltage Input voltage (ON) Input voltage (OFF) Input resistance Symbol VCBO VCEO ICBO ICEO IEBO hFE hFE (Small/Large) VCE(sat) VI(on) VI(off) R1 Conditions IC = -10 A, IE = 0 IC = -2 mA, IB = 0 VCB = -50 V, IE = 0 VCE = -50 V, IB = 0 VEB = -6 V, IC = 0 VCE = -10 V, IC = -5 mA VCE = -10 V, IC = -5 mA IC = -10 mA, IB = - 0.5 mA VCE = - 0.2 V, IC = -5 mA VCE = -5 V, IC = -100 A -30% 47 -2.8 - 0.4 +30% 160 0.50 0.99 - 0.25 Min -50 -50 - 0.1 - 0.5 - 0.01 460 Typ Max Unit V V A A mA V V V k Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Ratio between 2 elements Publication date: February 2010 ZJJ00536BED 1 This product complies with the RoHS Directive (EU 2002/95/EC). DMA26100 DMA26100_PT-Ta DMA26100_IC-VCE DMA26100_hFE-IC PT Ta 400 -120 Ta = 25C IC VCE 500 IB = -600 A -500 A -400 A -60 -40 -20 -300 A -200 A -100 A hFE IC VCE = -10 V Ta = 85C Total power dissipation PT (mW) Forward current transfer ratio hFE -100 300 Collector current IC (mA) 400 -80 300 25C -30C 200 200 100 100 0 0 40 80 120 160 200 0 0 -2 -4 -6 -8 -10 -12 0 - 0.1 -1 -10 -100 Ambient temperature Ta (C) DMA26100_VCEsat-IC Collector-emitter voltage VCE (V) DMA26100_IO-VIN Collector current IC (mA) DMA26100_VIN-IO VCE(sat) IC Collector-emitter saturation voltage VCE(sat) (V) -10 IC / IB = 20 -10 VO = -5 V IO VIN -100 VO = - 0.2 V VIN IO Ta = 85C Output current IO (mA) Input voltage VIN (V) -1 -1 -10 Ta = -30C 25C -1 85C -10-1 25C - 0.1 Ta = 85C -30C 25C -1 -10 -100 -30C -10-2 - 0.01 - 0.1 -10-3 0 - 0.5 -1.0 -1.5 -2.0 - 0.1 - 0.1 -1 -10 -100 Collector current IC (mA) Input voltage VIN (V) Output current IO (mA) 2 ZJJ00536BED This product complies with the RoHS Directive (EU 2002/95/EC). DMA26100 Mini5-G3-B Unit: mm 0.30 +0.10 -0.05 (0.65) 0.13 +0.05 -0.02 5 4 +0.25 -0.05 1.50 2.8 +0.2 -0.3 1 2 3 (0.95) (0.95) 1.9 0.1 2.90 +0.20 -0.05 8 +0.2 1.1 -0.1 0 to 0.1 1.1 -0.1 +0.3 0.4 0.2 6 ZJJ00536BED 3 Request for your special attention and precautions in using the technical information and semiconductors described in this book (1) If any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) The technical information described in this book is intended only to show the main characteristics and application circuit examples of the products. No license is granted in and to any intellectual property right or other right owned by Panasonic Corporation or any other company. Therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) The products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: - Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. - Any applications other than the standard applications intended. (4) The products and product specifications described in this book are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). Especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) Comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (ESD, EOS, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. When using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) This book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of our company. 20080805 |
Price & Availability of DMA26100
![]() |