Part Number Hot Search : 
7805F 7805F 38905 RSB39VFH ADP333 A1095 1812B LA76931S
Product Description
Full Text Search
 

To Download DDTD122LC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTD (LO-R1) C
NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
Please click here to visit our online spice models database.
Features
* * * * Epitaxial Planar Die Construction Complementary PNP Types Available (DDTB) Built-In Biasing Resistors Lead, Halogen and Antimony Free, RoHS Compliant "Green" Device (Notes 2 and 3)
E A
SOT-23 Dim A Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0 Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
TOP VIEW
B
C
B C D E G
Mechanical Data
* * * * * * * * * Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking Information: See Table Below & Page 3 Ordering Information: See Page 3 Weight: 0.008 grams (approximate)
D G H K J L M
H J K L M
OUT 3
C B R1 R2
All Dimensions in mm
P/N DDTD122LC DDTD142JC DDTD122TC DDTD142TC
R1 (NOM) R2 (NOM) 0.22K 10K 0.47K 10K 0.22K OPEN OPEN 0.47K
Type Code N75 N76 N77 N78
E
1 IN
2 GND(0)
Schematic and Pin Configuation
Maximum Ratings @TA = 25C unless otherwise specified
Characteristic Supply Voltage, (3) to (2) Input Voltage, (1) to (2) Input Voltage, (2) to (1) Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air Operating and Storage Temperature Range
Notes:
Symbol VCC DDTD122LC DDTD142JC DDTD122TC DDTD142TC All (Note 1) (Note 2) VIN VEBO (MAX) IC PD RJA TJ, TSTG
Value 50 -5 to +6 -5 to +6 5 500 200 625 -55 to +150
Unit V V V mA mW C/W C
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead. Halogen and Antimony Free. 3. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30399 Rev. 6 - 2
1 of 3 www.diodes.com
DDTD (LO-R1) C
(c) Diodes Incorporated
Electrical Characteristics
Characteristic Input Voltage
@TA = 25C unless otherwise specified Symbol DDTD122LC DDTD142JC DDTD122LC DDTD142JC Vl(off) Vl(on) VO(on) DDTD122LC DDTD142JC Il IO(off) DDTD122LC DDTD142JC Gl fT Min 0.3 0.3 56 56 Typ 200 Max 2.0 2.0
R1, R2 Types
Unit V V V mA A MHz Test Condition VCC = 5V, IO = 100A VO = 0.3V, IO = 20mA VO = 0.3V, IO = 20mA IO/Il = 50mA/2.5mA VI = 5V VCC = 50V, VI = 0V VO = 5V, IO = 50mA VCE = 10V, IE = 5mA, f = 100MHz
Output Voltage Input Current Output Current DC Current Gain Gain-Bandwidth Product*
* Transistor - For Reference Only
0.3V 28 13 0.5
Electrical Characteristics
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Gain-Bandwidth Product*
* Transistor - For Reference Only
@TA = 25C unless otherwise specified Symbol BVCBO BVCEO DDTD122TC DDTD142TC BVEBO ICBO DDTD122TC DDTD142TC IEBO VCE(sat) DDTD122TC DDTD142TC hFE fT Min 50 40 5 100 100 Typ 250 250 200
R1-Only, R2-Only Types
Max 0.5 0.5 0.5 0.3 600 600 Unit V V V A A V MHz IC = 50A IC = 1mA IE = 50A IE = 50A VCB = 50V VEB = 4V IC = 50mA, IB = 2.5mA IC = 5mA, VCE = 5V VCE = 10V, IE = -5mA, f = 100MHz Test Condition
DS30399 Rev. 6 - 2
2 of 3 www.diodes.com
DDTD (LO-R1) C
(c) Diodes Incorporated
250
Pd, POWER DISSIPATION (mW)
200
150
100
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve
Ordering Information (Note 4)
Device DDTD122LC-7-F DDTD142JC-7-F DDTD122TC-7-F DDTD142TC-7-F
Notes: 4.
Packaging SOT-23 SOT-23 SOT-23 SOT-23
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
NXX
NXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code
2002 N Jan 1
2003 P Feb 2
2004 R Mar 3
2005 S Apr 4
YM
2006 T May 5 Jun 6
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30399 Rev. 6 - 2
3 of 3 www.diodes.com
DDTD (LO-R1) C
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTD122LC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X