Part Number Hot Search : 
TLP67 R1133 MXB7846 INTEGRA 01140 74HC04A SB1620DC LTC14
Product Description
Full Text Search
 

To Download DDTA123YCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTA (R1R2 SERIES) CA
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
Please click here to visit our online spice models database.
Features
* * * * Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistors, R1R2 Lead, Halogen and Antimony Free, RoHS Compliant "Green" Device (Notes 1 and 2)
TOP VIEW
A
B
C
Mechanical Data
* * * * * * * * * Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking and Date Code: See Table Below & Page 4 Ordering Information: See Page 4 Weight: 0.008 grams (approximate) P/N R1 (NOM) R2 (NOM) MARKING 1K 10K P02 DDTA113ZCA 2.2K 10K DDTA123YCA P05 2.2K 47K P06 DDTA123JCA 4.7K 10K DDTA143XCA P09 4.7K 22K DDTA143FCA P10 P11 DDTA143ZCA 4.7K 47K DDTA114YCA P14 10K 47K DDTA114WCA P15 10K 4.7K P18 DDTA124XCA 22K 47K DDTA144VCA P21 47K 10K P22 DDTA144WCA 47K 22K
E
D G H K J D L M
SOT-23 Dim Min Max A 0.37 0.51 B 1.20 1.40 C 2.30 2.50 D 0.89 1.03 E 0.45 0.60 G 1.78 2.05 H 2.80 3.00 J 0.013 0.10 K 0.903 1.10 L 0.45 0.61 M 0.085 0.180 0 8 All Dimensions in mm
NEW PRO DUC T
OUT 3
C B R1 R2
IN B
1
3
C OUT
E
1 IN
2 GND(+)
GND (+)
Schematic and Pin Configuration
Equivalent Inverter Circuit
Maximum Ratings
Supply Voltage, (3) to (2) Input Voltage, (1) to (2)
@TA = 25C unless otherwise specified Symbol VCC DDTA113ZCA DDTA123YCA DDTA123JCA DDTA143XCA DDTA143FCA DDTA143ZCA DDTA114YCA DDTA114WCA DDTA124XCA DDTA144VCA DDTA144WCA DDTA113ZCA DDTA123YCA DDTA123JCA DDTA143XCA DDTA143FCA DDTA143ZCA DDTA114YCA DDTA114WCA DDTA124XCA DDTA144VCA DDTA144WCA All Value -50 +5 to -10 +5 to -12 +5 to -12 +7 to -20 +6 to -30 +5 to -30 +6 to -40 +10 to -30 +10 to -40 +15 to -40 +10 to -40 -100 -100 -100 -100 -100 -100 -70 -100 -50 -30 -30 -100 Unit V
Characteristic
2
E
VIN
V
Output Current
IO
mA
Output Current
Notes:
IC (Max)
mA
1. No purposefully added lead. Halogen and Antimony Free. 2. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30334 Rev. 7 - 2
1 of 4 www.diodes.com
DDTA (R1R2 SERIES) CA
(c) Diodes Incorporated
Thermal Characteristics
Characteristic Power Dissipation Thermal Resistance, Junction to Ambient Air Operating and Storage Temperature Range
Notes:
(Note 3)
Symbol Pd RJA Tj, TSTG
Value 200 625 -55 to +150
Unit mW C/W C
3. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
NEW PRODUCT
Electrical Characteristics
@TA = 25C unless otherwise specified Symbol Min -0.3 -0.3 -0.5 -0.3 -0.3 -0.5 -0.3 -0.8 -0.4 -1.0 -0.8 Typ Max Unit Test Condition
Input Voltage
Characteristic DDTA113ZCA DDTA123YCA DDTA123JCA DDTA143XCA DDTA143FCA DDTA143ZCA DDTA114YCA DDTA114WCA DDTA124XCA DDTA144VCA DDTA144WCA DDTA113ZCA DDTA123YCA DDTA123JCA DDTA143XCA DDTA143FCA DDTA143ZCA DDTA114YCA DDTA114WCA DDTA124XCA DDTA144VCA DDTA144WCA
Vl(off)
VCC = 5V, IO = 100A
Input Voltage
Vl(on)
-3.0 -3.0 -1.1 -2.5 -1.3 -1.3 -1.4 -3.0 -2.5 -5.0 -4.0 -0.3 -7.2 -3.8 -3.6 -1.8 -1.8 -1.8 -0.88 -0.88 -0.36 -0.16 -0.16 -0.5
V
VO = -0.3V, IO = -20mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -5mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -3mA VO = -0.3V, IO = -5mA VO = -0.3V, IO = -1mA VO = -0.3V, IO = -2mA VO = -0.3V, IO = -2mA VO = -0.3V, IO = -2mA VO = -0.3V, IO = -2mA IO/Il = -5mA/-0.25mA IO/Il = -5mA/-0.25mA IO/Il = -5mA/-0.25mA IO/Il = -10mA/-0.5mA DDTA123JCA DDTA143ZCA DDTA114YCA All Others
Output Voltage DDTA113ZCA DDTA123YCA DDTA123JCA DDTA143XCA DDTA143FCA DDTA143ZCA DDTA114YCA DDTA114WCA DDTA124XCA DDTA144VCA DDTA144WCA DDTA113ZCA DDTA123YCA DDTA123JCA DDTA143XCA DDTA143FCA DDTA143ZCA DDTA114YCA DDTA114WCA DDTA124XCA DDTA144VCA DDTA144WCA
VO(on)
-0.1
V
Input Current
Il
mA
VI = -5V
Output Current
IO(off)
DC Current Gain
Gl
Input Resistor Tolerance Resistance Ratio Tolerance Gain-Bandwidth Product*
* Transistor - For Reference Only
R1 R2/R1 fT
-33 -33 -80 -30 -68 -80 -68 -24 -68 -33 -56 -30 -20
A
VCC = -50V, VI = 0V
VO = -5V, IO = -10mA
250
+30 +20
% % MHz
VCE = -10V, IE = 5mA, f = 100MHz
DS30334 Rev. 7 - 2
2 of 4 www.diodes.com
DDTA (R1R2 SERIES) CA
(c) Diodes Incorporated
Typical Curves -DDTA123JCA
250 1
IC/IB = 10
PD, POWER DISSIPATION (mW)
VCE(SAT), COLLECTOR EMITTER SATURATION VOLTAGE (V)
200
0.1
TA = 75C TA = -25C TA = 25 C
NEW PRODUCT
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
12
IE = 0V f = 1MHz
1,000
10
hFE, DC CURRENT GAIN
COB, CAPACITANCE (pF)
8
100
6
4
2
10 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
T A = 75C VO = 5V
0
100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
100
10
VO = 0.2V
IC, COLLECTOR CURRENT (mA)
10
Vin, INPUT VOLTAGE (V)
1
1
0.1
0.01
0.001 0 1 6 7 8 9 5 3 4 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage 2 10
0.1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30334 Rev. 7 - 2
3 of 4 www.diodes.com
DDTA (R1R2 SERIES) CA
(c) Diodes Incorporated
Ordering Information (Note 4)
Device DDTA113ZCA-7-F DDTA123YCA-7-F Packaging SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
NEW PRODUCT
DDTA123JCA-7-F DDTA143XCA-7-F DDTA143FCA-7-F DDTA143ZCA-7-F DDTA114YCA-7-F DDTA114WCA-7-F DDTA124XCA-7-F DDTA144VCA-7-F DDTA144WCA-7-F
Notes:
4. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
XXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code
YM
2004 R Jan 1 Feb 2
2005 S Mar 3
2006 T Apr 4
2007 U May 5 Jun 6
2008 V Jul 7
2009 W Aug 8
2010 X Sep 9 Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30334 Rev. 7 - 2
4 of 4 www.diodes.com
DDTA (R1R2 SERIES) CA
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTA123YCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X