Part Number Hot Search : 
3052A 2508D HJ772 VLP210F PK70FG40 100EL1 1SS290HJ AN701
Product Description
Full Text Search
 

To Download DDTA114EUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTA (R1 = R2 SERIES) UA
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * * Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistors, R1 = R2 Lead Free/RoHS Compliant (Note 2) "Green" Device, Note 3 and 4
A
SOT-323 Dim A
BC
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
B C D
Mechanical Data
* * Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking Information: See Page 4 Type Code: See Table Below Ordering Information: See Page 4 Weight: 0.006 grams (approximate) P/N DDTA123EUA DDTA143EUA DDTA114EUA DDTA124EUA DDTA144EUA DDTA115EUA R1, R2 (NOM) 2.2K 4.7K 10K 22K 47K 100K Type Code P04 P08 P13 P17 P20 P24
G H K M
0.65 Nominal
E G H J K
D E L
* * * * * * * *
J
L M
OUT 3
C B R1 R2
All Dimensions in mm
IN B
1
3
C OUT
E
1 IN
2 GND(+)
GND (+)
Schematic and Pin Configuration
Equivalent Inverter Circuit
Maximum Ratings
Supply Voltage, (3) to (2) Input Voltage, (1) to (2)
@TA = 25C unless otherwise specified Symbol VCC DDTA123EUA DDTA143EUA DDTA114EUA DDTA124EUA DDTA144EUA DDTA115EUA DDTA123EUA DDTA143EUA DDTA114EUA DDTA124EUA DDTA144EUA DDTA115EUA All Value -50 +10 to -12 +10 to -30 +10 to -40 +10 to -40 +10 to -40 +10 to -40 -100 -100 -50 -30 -30 -20 -100 200 625 -55 to +150 Unit V
Characteristic
2
E
VIN
V
Output Current
IO
mA
Output Current Power Dissipation
IC (Max) Pd RJA Tj, TSTG
mA mW C/W C
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Notes:
1. Mounted on FR4 PC Board with recommended pad layout as shown on Diodes Inc., suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf 2. No purposefully added lead. 3. Diodes Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 4. Product manufactured with date code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to date code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30325 Rev. 8 - 2
1 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) UA
(c) Diodes Incorporated
Electrical Characteristics
Characteristic
@TA = 25C unless otherwise specified Symbol Vl(off) Min -0.5 Typ -1.1 Max Unit V Test Condition VCC = 5V, IO = 100A VO = 0.3V, IO = 20mA, DDTA123EUA VO = 0.3V, IO = 20mA, DDTA143EUA VO = 0.3V, IO = 10mA, DDTA114EUA VO = 0.3V, IO = 5mA, DDTA124EUA VO = 0.3V, IO = 2mA, DDTA144EUA VO = 0.3V, IO = 1mA, DDTA115EUA IO/Il =10mA/0.5mA, DDTA123EUA IO/Il =10mA/0.5mA, DDTA143EUA IO/Il =10mA/0.5mA, DDTA114EUA IO/Il =10mA/0.5mA, DDTA124EUA IO/Il =10mA/0.5mA, DDTA144EUA IO/Il =5mA/0.25mA, DDTA115EUA
Input Voltage Vl(on) -1.9 -3 V
Output Voltage
VO(on)
-0.1
-0.3
V
Input Current
DDTA123EUA DDTA143EUA DDTA114EUA DDTA124EUA DDTA144EUA DDTA115EUA
Il
-3.8 -1.8 -.88 -.36 -.18 -.15 0.5
mA VI = -5V
Output Current DDTA123EUA DDTA143EUA DDTA114EUA DDTA124EUA DDTA144EUA DDTA115EUA
IO(off)
-20 -20 -30 -56 -68 -82 -30 0.8
A
VCC = -50V, VI = 0V VO = -5V, IO = -20mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA
DC Current Gain
Gl
Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product*
* Transistor - For Reference Only
R1 R2/R1 fT
1 250
+30 1.2
%
V = -10V, IE = 5mA, MHz CE f = 100MHz
DS30325 Rev. 8 - 2
2 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) UA
(c) Diodes Incorporated
Typical Curves -DDTA143EUA
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V) 250 1
IC/IB = 10
Pd, POWER DISSIPATION (mW)
200
0.1
75C -25C 25C
150
100
0.01
50
0 -50
0 50 100 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
150
0.001 0
40 10 20 30 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
50
1,000
12
f = 1MHz
10
hFE, DC CURRENT GAIN
COB, CAPACITANCE (pF)
100
8
6
10
4
2
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0 0
10 15 25 5 20 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
30
100
75C VO = 5V 25C
10
VO = 0.2V
IC, COLLECTOR CURRENT (mA)
-25C
Vin, INPUT VOLTAGE (V)
10
1
1
0.1
0.01 0 1 8 9 6 7 3 4 5 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage 2 10
0 0 10 20 30 40 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current 50
DS30325 Rev. 8 - 2
3 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) UA
(c) Diodes Incorporated
Ordering Information (Note 4 & 5)
Device DDTA1xxEUA-7-F DDTA1xxEUA-13-F
Notes:
Packaging SOT-323 SOT-323
Shipping 3000/Tape & Reel 10,000/Tape & Reel
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
XXX
Date Code Key Year Code Month Code
2006 T Jan 1 Feb 2
2007 U Mar 3 Apr 4
YM
2008 V May 5 Jun 6
2009 W Jul 7
2010 X Aug 8 Sep 9
2011 Y Oct O Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30325 Rev. 8 - 2
4 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) UA
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTA114EUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X