Part Number Hot Search : 
111GFS MAX2388 MT328230 0000T MC13211 L7812ABV MT328230 T1200
Product Description
Full Text Search
 

To Download DA26101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tentative DA26101
Silicon epitaxial planar type
For high speed switching circuits Marking Symbol : A1 Package Code : ML2-N3-B Absolute Maximum RatingsTa = 25 C
Parameter
Reverse voltage Maximum peak reverse voltage Forward current Peak forward current Non-repetitive peak forward surge current *1 Junction temperature Storage temperature Note: 1. *1 t = 1 s
DA26101
Total pages page
Symbol
VR VRM IF IFM IFSM Tj Tstg
Rating
80 80 100 225 500 125 -55 to +125
Unit
V V mA mA mA C C
Pin name
1. Cathode 2. Anode
Electrical CharacteristicsTa = 25 C3 C
Parameter
Forward voltage Reverse voltage Reverse current Terminal capacitance Reverse recovery time
*1
Symbol
VF VR IR Ct trr
Conditions
IF = 100 mA IR = 100 A VR = 80 V VR = 0 V , f = 1 MHz IF = 10 mA, VR = 6 V Irr = 0.25 x IR
Min
80
Typ
0.92
Max
1.20 100 1.2 3
Unit
V V nA pF ns
Note: 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 Measuring methods for Diodes. 2. Absolute frequency of input and output is 100 MHz. 3. *1 trr test circuit
Irr = 0.25 x IR IF = 10 mA VR = 6 V
Packing
Embossed type (Thermo-compression sealing) : 10 000 pcs / reel
2010.4.7 2010.7.27
Prepared
Revised Semiconductor Company, Panasonic Corporation
ML2-N3-B
Unit: mm
0.60 0.05 2
0.39 -0.03
+0.01
1 0.05 0.03 0.25 0.05 0.50 0.05 0.25 0.05
1.00 0.05
0.65 0.01 0.05 0.03
Request for your special attention and precautions in using the technical information and semiconductors described in this book
(1) If any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) The technical information described in this book is intended only to show the main characteristics and application circuit examples of the products. No license is granted in and to any intellectual property right or other right owned by Panasonic Corporation or any other company. Therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) The products described in this book are intended to be used for general applications (such as office equipment, communications equipment, measuring instruments and household appliances), or for specific applications as expressly stated in this book. Consult our sales staff in advance for information on the following applications: - Special applications (such as for airplanes, aerospace, automotive equipment, traffic signaling equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. It is to be understood that our company shall not be held responsible for any damage incurred as a result of or in connection with your using the products described in this book for any special application, unless our company agrees to your using the products in this book for any special application. (4) The products and product specifications described in this book are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). Especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) Comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (ESD, EOS, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. When using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) This book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of our company. 20100202


▲Up To Search▲   

 
Price & Availability of DA26101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X