Part Number Hot Search : 
CAT24WC KA78L10A AN1172 M3135 1N413 CAT24WC 1SS351 TLOE1
Product Description
Full Text Search
 

To Download D5SB60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D5SB20...... D5SB80
200---800V 6.0 A Features
.134(3.4) .122(3.1) .189(4.8) .173(4.4) .150(3.8) .134(3.4)
.440(11.2) .425(10.8)
Single-phase Silicon Bridge Rectifier
Reverse Voltage 200 to 800 V Forward Current 6.0A
* Low reverse leakage * High forward surge capability *170 A Surge overload rating:170 Amperes peak
.1193(30.3) .1170(29.7)
.799(20.3) .775(19.7)
.134(3.4) .122(3.1)
.106(2.70) .091(2.30) .095(2.40) .079(2.00 .043(1.1) .035(0.9)
+
~
~
.165(4.2) .150(3.8)
.708(18.0) .669(17.0)
.114(2.9) .098(2.5)
Mechanical Data
*: Case: Molded Plastic *: Polarity: Symbols molded or marked on body *: *: 4.6 Mounting Position: Any Weight:4.6 Grams
.031(0.8) .023(0.6)
.386(9.8) .303(7.7) .303(7.7) .402(10.2) .287(7.3) .287(7.3)
Unitinchmm
TA = 25 Maximum Ratings & Thermal Characteristics
Symbols Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage
TC =111 Maximum average forward rectified current Ta=25
Ratings at 25 ambient temperature unless otherwise specified.
D5SB20 200 140 200
D5SB40 400 280 400 6.0 2.8 170 30 5
D5SB60 600 420 600
D5SB80 800 560 800
Unit
V V V A A A /W
VRRM VRMS VDC IF(AV) IF(AV) IFSM IR(AV) RJA
Tj, TSTG
8.3ms
Peak forward surge current 8.3 ms single half sine-wave
@TA = 75
Maximum peak reverse current full cycle
Typical thermal resistance
Operating junction and storage temperature range
-50 --- +150
TA = 25 Electrical Characteristics Ratings at 25 ambient temperature unless otherwise specified.
Symbols
Maximum forward voltage D5SB20 D5SB40 1.05 10 D5SB60 D5SB80
Unit
V A
IF = 3.0A TA= 25
VF
Maximum reverse current VR = 4.0V, f = 1MHz Type junction capacitance
IR
Cj
40
pF
Web: www.ps-pfs.com http://ps-pfs.en.alibaba.com
D5SB20...... D5SB80
Characteristic Curves
TYPICAL FORWARD CHARACTERISTIC
10 4.0
FORWARD CURRENT DERATING CURVE
IF(AV) (A) IF(A) Average Forward Rectified Current (A)
on glass-epoxi substrate
IF Instantaneous Forward Current (A)
+
~
~
-
Tl=150
3.0
P.C.B. soldering land 5mm sine wave R-load free in air
IF(A)
1
Tl=25
2.0
1.0
Pulse measurement per diode
0.1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
00
40
80
120
160
VF(V) VF Instantaneous Forward Voltage (V)
MAXIMUM NON REPETITIVE PEAK FORWARD SURGE CURRENT
Ta(C) Tamb, ambient temperature (C)
FORWARD POWER DISSIPATION
240
IFSM
14
200
10mS
10mS
12
non-repetitive Tj=25 before
FORWARD POWER DISSIPATION PF(W))
IFSM Peak Forward Surge Current (A)
1 Cycle
10 8 6 4 2 0 0
IFSM(A)
120 80
P(W)
160
40
Sine wave Tj=150
1 2 3 4 5 6 7
0 0
2
5
10
20
50
100
Number of Cycles at 60 Hz.
I0[A] AVERAGE RECGIFIED FORWARD CURRENT Io(A)
FORWARD CURRENT DERATING CURVE
10
Tc-sensing point
IF(AV) (A) IF(A) Average Forward Rectified Current (A)
9
+ ~ ~ -
8 7 6 5 4 3 2 1 00
Tc
sine wave R-load with heatsink
40
80
120
160
TC(C) Case Temperature Tc()
Web: www.ps-pfs.com http://ps-pfs.en.alibaba.com/


▲Up To Search▲   

 
Price & Availability of D5SB60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X