Part Number Hot Search : 
K2750 UPD784 0129N P80N0 2SK3210S 6KE24A MA22D39 1N5246
Product Description
Full Text Search
 

To Download BAV99W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
BAW56W,BAV70W,BAV99W,BAL99W
SURFACE MOUNT SWITCHING DIODES
VOLTAGE FEATURES
.087(2.2) .078(2.0)
100Volts
POWER
200mWatts
SOT-323
Unit: inch (mm)
* Surface mount package Ideally Suited for Automatic insertion * Electrically Identical to Standard JEDEC * High Conductance * Both normal and Pb free product are available : Normal : 80~95% Sn, 5~20% Pb Pb free: 98.5% Sn above
.087(2.2) .070(1.8) .054(1.35) .045(1.15)
.056(1.40) .047(1.20)
.004(.10)MAX.
Case: SOT-323, Plastic Terminals: Solderable per MIL-STD-202, Method 208 Approx. Weight: 0.0052 gram
.016(.40) .078(.20)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
P A R A M E TE R M a rki g C o d e n R e ve rse V o l a g e t P e a k R e ve rse V o l a g e t R e ct f e d C urre nt (A ve ra g e ), H a l W a ve R e ct f ca t o n ii f ii i w i h R e si t ve L o a d a nd f > = 5 0 H z t si P e a k F o rw a rd S urg e C urre nt 1 . us ,0 P o w e r D i si a t o n D e ra t A b o ve 2 5 O C spi e VR V RM I O I SM F P TO T S YM B O L B A W 56W JC B A V 70W JA 75 100 150 2. 0 200 0. 15 @ I =0. 01A 7 F 0 0. 55 @ I =0. 1A 8 F 0 1. @ I =0. 5A 0 F 0 1. 5 @ I =0. 5A 2 F 1 0. 3 0 2. 5 1. 5 4. 0 625 -5 5 T O + 1 5 0 C om m on A no d e
COMMON ANODE
O
B A V 99W JG
B A L99W JF
.044(1.1) .035(0.9)
MECHANICAL DATA
.004(.10)MIN.
* Fast switching speed.
.006(.15) .002(.05)
UNI S T
V V mA A mW
M a xi um F o rw a rd V o l a g e m t
VF
V
M a xi um D C R e ve rse C urre nt a t 2 5 V m 75V M a xi um Junct o n C a p a ci a nce ( N o t s 1 ) m i t e M a xi um R e ve rse R e co ve ry Ti e (N o t s 2 ) m m e M a xi um T he rm a l R e si t nce m sa Junct o n Te m p e ra t re R a ng e i u C i cui F i ure r tg
I R CJ TR R R JA TJ
A pF ns C /W
O
C
C om m on C at ode h
S e ri s e
S i g l (A l ) ne t
COMMON CATHODE
SERIES
SINGLE (Alt)
NOTE: 1. CJ at VR=0, f=1MHZ 2.From IF=10mA to IR=1mA, VR=6Volts, RL=100
STAD-JUL.30.2004
PAGE . 1
1000
10
TJ =125 OC
FORWARD CURRENT, mA
100
REVERSE CURRENT, u A
1.0
10
0.1
TJ =75 OC
1
0.01
TJ =25 OC
0 . 00 1
0.1 0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
20
40
60
80
100
FORWARD VOLTAGE, Volts
REVERSE VOLTAGE, Volts
FIG. 1-TYPICAL FORWARD CHARACTERISTIC
FIG. 2-TYPICAL REVERSE CHARACTERISTICS
3.0
P D, POWER DISSIPATION (mW)
DIODE CAPACIT ANCE, pF
4.0
400
300
2.0
200
1.0
100
0
0
2
4
6
8
0
50
100
150
O
200
REVERSE VOLTAGE, Volts
AMBIENT TEMPERATURE( C) FIG. 4 POWER DERATING CURVE
FIG. 3 TYPICAL JUNCTION CAPACITANCE
STAD-JUL.30.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of BAV99W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X